Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTF3055L175T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTF3055L175T3G
Description  Power MOSFET 2.0 A, 60 V, Logic Level
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF3055L175T3G Datasheet(HTML) 2 Page - ON Semiconductor

  NTF3055L175T3G Datasheet HTML 1Page - ON Semiconductor NTF3055L175T3G Datasheet HTML 2Page - ON Semiconductor NTF3055L175T3G Datasheet HTML 3Page - ON Semiconductor NTF3055L175T3G Datasheet HTML 4Page - ON Semiconductor NTF3055L175T3G Datasheet HTML 5Page - ON Semiconductor NTF3055L175T3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTF3055L175
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
72.8
74.4
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
1.0
10
mAdc
Gate−Body Leakage Current
(VGS = ± 15 Vdc, VDS = 0 Vdc)
IGSS
± 100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.7
4.2
2.0
Vdc
mV/
°C
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 5.0 Vdc, ID = 1.0 Adc)
RDS(on)
155
175
m
W
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 5.0 Vdc, ID = 2.0 Adc)
(VGS = 5.0 Vdc, ID = 1.0 Adc, TJ = 150°C)
VDS(on)
0.32
0.57
0.42
Vdc
Forward Transconductance (Note 3)
(VDS = 8.0 Vdc, ID = 1.5 Adc)
gfs
3.2
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0V
Ciss
194
270
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 V,
f = 1.0 MHz)
Coss
70
100
Transfer Capacitance
f = 1.0 MHz)
Crss
29
40
SWITCHING CHARACTERISTICS
(Note 4)
Turn−On Delay Time
td(on)
10.2
20
ns
Rise Time
(VDD = 30 Vdc, ID = 2.0 Adc,
VGS =50Vdc
tr
21
40
Turn−Off Delay Time
VGS = 5.0 Vdc,
RG = 9.1 W) (Note 3)
td(off)
14.3
30
Fall Time
RG
9.1
W) (Note 3)
tf
15.3
30
Gate Charge
(V
48 Vd
I
20Ad
QT
5.1
10
nC
(VDS = 48 Vdc, ID = 2.0 Adc,
VGS = 5.0 Vdc) (Note 3)
Q1
1.4
VGS = 5.0 Vdc) (Note 3)
Q2
2.5
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 2.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc,
TJ = 150°C) (Note 3)
VSD
0.84
0.68
1.0
Vdc
Reverse Recovery Time
trr
28.3
ns
(IS = 2.0 Adc, VGS = 0 Vdc,
ta
15.6
(IS
2.0 Adc, VGS
0 Vdc,
dIS/dt = 100 A/ms) (Note 3)
tb
12.7
Reverse Recovery Stored Charge
QRR
0.027
mC
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTF3055L175T3G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTF3055L175T1G VBSEMI-NTF3055L175T1G Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - NTF3055L175T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTDV18N06LT4G ONSEMI-NTDV18N06LT4G Datasheet
169Kb / 8P
   Power MOSFET 18 A, 60 V, Logic Level N.Channel DPAK
August, 2011 ??Rev. 6
NTF3055L108 ONSEMI-NTF3055L108 Datasheet
80Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
December, 2005 ??Rev. 4
NVF3055L108T1G ONSEMI-NVF3055L108T1G Datasheet
117Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
October, 2011 ??Rev. 6
NTD20N06L ONSEMI-NTD20N06L_V01 Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
NVF3055L108T3G ONSEMI-NVF3055L108T3G Datasheet
79Kb / 6P
   3.0 A, 60 V, Logic Level, N.Channel SOT??23
July, 2014 ??Rev. 8
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
   Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
NTD15N06L ONSEMI-NTD15N06L Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTP75N06L ONSEMI-NTP75N06L Datasheet
72Kb / 8P
   POWER MOSFET 75 AMPS, 60 VOLTS, LOGIC LEVEL
April, 2001 ??Rev. 0
NTD20N06L ONSEMI-NTD20N06L Datasheet
89Kb / 12P
   Power MOSFET 20 Amps, 60 Volts, Logic Level
August, 2003 ??Rev. 1
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com