Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE8404SG Datasheet(PDF) 5 Page - Opnext. Inc.

Part # HE8404SG
Description  GaAlAs Infrared Emitting Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HE8404SG Datasheet(HTML) 5 Page - Opnext. Inc.

  HE8404SG Datasheet HTML 1Page - Opnext. Inc. HE8404SG Datasheet HTML 2Page - Opnext. Inc. HE8404SG Datasheet HTML 3Page - Opnext. Inc. HE8404SG Datasheet HTML 4Page - Opnext. Inc. HE8404SG Datasheet HTML 5Page - Opnext. Inc. HE8404SG Datasheet HTML 6Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HE8404SG
Rev.2, Mar. 2005, page 5 of 6
Package Dimensions
OPJ Code
JEDEC
JEITA
Mass (reference value)
IR/SG1
0.25 g
2.54 ± 0.35
(2 – 1.05)
φ
1.0
±
0.2
45°
± 5°
φ 5.4 ± 0.2
φ 4.65 ± 0.2
φ 4.0 ± 0.2
2 Ð
0.45 ± 0.1
φ
1
2
As of July, 2002
Unit: mm


Similar Part No. - HE8404SG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HE8404SG OPNEXT-HE8404SG_06 Datasheet
89Kb / 4P
   GaAlAs Infrared Emitting Diode
More results

Similar Description - HE8404SG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLB-16AI-88 KODENSHI-KLB-16AI-88 Datasheet
159Kb / 2P
   Infrared Emitting Diode(GaAlAs)
logo
Opnext. Inc.
HE7601SG OPNEXT-HE7601SG Datasheet
187Kb / 6P
   GaAlAs Infrared Emitting Diode
HE8404SG OPNEXT-HE8404SG_06 Datasheet
89Kb / 4P
   GaAlAs Infrared Emitting Diode
HE8812SG OPNEXT-HE8812SG Datasheet
89Kb / 4P
   GaAlAs Infrared Emitting Diode
HE8811 OPNEXT-HE8811 Datasheet
186Kb / 6P
   GaAlAs Infrared Emitting Diode
HE7601SG OPNEXT-HE7601SG_06 Datasheet
90Kb / 4P
   GaAlAs Infrared Emitting Diode
HE8811 OPNEXT-HE8811_06 Datasheet
90Kb / 4P
   GaAlAs Infrared Emitting Diode
logo
KODENSHI_AUK CORP.
KLB-16AI-94 KODENSHI-KLB-16AI-94 Datasheet
155Kb / 2P
   Infrared Emitting Diode(GaAlAs)
logo
Hitachi Semiconductor
HE8812SG HITACHI-HE8812SG Datasheet
140Kb / 6P
   GaAlAs Infrared Emitting Diode
logo
KODENSHI_AUK CORP.
KEM5001R KODENSHI-KEM5001R Datasheet
227Kb / 2P
   Infrared Emitting Diode(GaAlAs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com