Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVC16835DGG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AVC16835DGG
Description  18-bit registered driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16835DGG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AVC16835DGG Datasheet HTML 2Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 3Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 4Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 5Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 6Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 7Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 8Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 9Page - NXP Semiconductors 74AVC16835DGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Preliminary specification
74AVC16835
18-bit Registered Driver (3-State)
1999 Jul 23
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.0ns; CL = 30pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3V
VCC = 2.5 ± 0.2V
VCC = 1.8 ± 0.15V
VCC = 1.2V UNIT
MIN
TYP1
MAX
MIN
TYP1
MAX
MIN
TYP1
MAX
TYP
Propagation delay
An to Yn
1, 7
0.7
1.7
2.5
0.8
2.0
3.0
1.0
2.6
4.5
5.2
tPHL/tPLH
Propagation delay
LE to Yn
2, 7
0.7
1.8
2.7
0.8
2.2
3.3
1.0
2.8
5.0
5.6
ns
Propagation delay
CP to Yn
3, 7
0.7
1.7
2.5
0.8
2.0
3.0
1.0
2.6
4.5
5.2
tPZH/tPZL
3-State output enable
time OE to Yn
6, 7
1.0
2.3
4.0
1.0
2.5
4.5
1.5
3.0
6.5
5.5
ns
tPHZ/tPLZ
3-State output disable
time OE to Yn
6, 7
1.0
2.3
3.5
1.0
2.2
4.0
1.5
3.5
6.5
5.5
ns
tW
CP pulse width HIGH
or LOW
3, 7
1.0
1.2
2.0
ns
W
LE pulse width HIGH
2, 7
1.0
1.2
2.0
tS
Set-up time An to CP
5, 7
0.3
0.4
0.5
ns
tSU
Set-up time An to LE
4, 7
0.3
0.4
0.5
ns
t
Hold time An to CP
5, 7
0.3
0.4
0.5
ns
th
Hold time An to LE
4, 7
0.3
0.4
0.5
ns
Fmax
Maximum clock pulse
frequency
3, 7
500
400
250
MHz
NOTES:
1. All typical values are measured at Tamb = 25°C and at VCC = 1.8 V, 2.5 V, 3.3 V.
AC WAVEFORMS FOR VCC = 3.0V TO 3.6V RANGE
VM = 0.5 VCC
VX = VOL + 0.300 V
VY = VOH – 0.300 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VI = VCC
AC WAVEFORMS FOR VCC = 2.3 V TO 2.7 V AND
VCC < 2.3 V RANGE
VM = 0.5 VCC
VX = VOL + 0.15 V
VY = VOH – 0.15 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VI = VCC
An
INPUT
tPHL
tPLH
VOL
VI
GND
VOH
Yn
OUTPUT
SH00132
VM
VM
NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V
Waveform 1. Input (An) to output (Yn) propagation delay
LE INPUT
Yn OUTPUT
VI
GND
VOH
VOL
tPHL
tPLH
tW
SH00134
VM
VM
VM
NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7V
Waveform 2. Latch enable input (LE) pulse width, the latch
enable input to output (Yn) propagation delays.


Similar Part No. - 74AVC16835DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVC16835DGGRE4 TI1-74AVC16835DGGRE4 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74AVC16835DGGRG4 TI1-74AVC16835DGGRG4 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AVC16835DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
logo
NXP Semiconductors
74ALVCHT16835 PHILIPS-74ALVCHT16835 Datasheet
93Kb / 12P
   18-bit registered driver (3-State)
2002 Jun 05
74AVC16835A_5 PHILIPS-74AVC16835A_5_15 Datasheet
125Kb / 12P
   18-bit registered driver with Dynamic Controlled OutputsE (3-State)
2002 Mar 15
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74AVC16835A NEXPERIA-74AVC16835A Datasheet
236Kb / 15P
   18-bit registered driver with Dynamic Controlled Outputs 3-state
logo
NXP Semiconductors
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74AVCM162835 PHILIPS-74AVCM162835 Datasheet
97Kb / 10P
   18-bit registered driver with 15 ohm termination resistors 3-State
2001 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com