Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS35R12KE3G Datasheet(PDF) 7 Page - eupec GmbH

Part # FS35R12KE3G
Description  IGBT-Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS35R12KE3G Datasheet(HTML) 7 Page - eupec GmbH

  FS35R12KE3G Datasheet HTML 1Page - eupec GmbH FS35R12KE3G Datasheet HTML 2Page - eupec GmbH FS35R12KE3G Datasheet HTML 3Page - eupec GmbH FS35R12KE3G Datasheet HTML 4Page - eupec GmbH FS35R12KE3G Datasheet HTML 5Page - eupec GmbH FS35R12KE3G Datasheet HTML 6Page - eupec GmbH FS35R12KE3G Datasheet HTML 7Page - eupec GmbH FS35R12KE3G Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Technische Information / technical information
FS35R12KE3 G
IGBT-Module
IGBT-Modules
1,523E-01
1,128E-01
2
1,052E-01
2,820E-01
4
5,701E-02
7,662E-01
9,674E-02
3,333E-03
6,249E-01
3,429E-02
1,800E-01
1,294E-01
Sicherer Arbeitsbereich (RBSOA)
Reverse bias safe operation area (RBSOA)
VGE=15V, RG=27Ω
Ω, T
j=125°C
i
ri [K/W] : IGBT
ττττ
i [s] : IGBT
ri [K/W] : Diode
ττττ
i [s] : Diode
1
6,769E-02
3
2,709E-01
2,820E-02
Transient thermal impedance
2,345E-03
Transienter Wärmewiderstand
ZthJC = f (t)
0,01
0,1
1
0,001
0,01
0,1
1
t [s]
Zth : IGBT
Zth : Diode
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
1200
1400
VCE [V]
IC,Chip
IC,Modul
7 (8)
Datenblatt FS35R12KE3_G V3.xls
2002-03-04


Similar Part No. - FS35R12KE3G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS35R12KT3 EUPEC-FS35R12KT3 Datasheet
314Kb / 8P
   IGBT-modules
FS35R12KT3 EUPEC-FS35R12KT3 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FS35R12KT3 INFINEON-FS35R12KT3 Datasheet
466Kb / 8P
   EconoPACK2 Modul mit schnellem Trench
2013-10-03 revision:2.1
logo
eupec GmbH
FS35R12KT3 EUPEC-FS35R12KT3_04 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
More results

Similar Description - FS35R12KE3G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com