Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ3212 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAXQ3212
Description  Microcontroller with Analog Comparator and LED Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3212 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAXQ3212 Datasheet HTML 15Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 16Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 17Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 18Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 19Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 20Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 21Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 22Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Microcontroller with Analog Comparator
and LED Driver
____________________________________________________________________
19
Programmable Timer
The microcontroller incorporates one 16-bit program-
mable timer/counter. The type 2 timer (timer 2) can be
used in counter/timer/capture/compare/PWM functions,
allowing precise control of internal and external events.
It also supports optional single-shot, external gating,
and polarity control options.
Timer 2
The timer 2 peripheral includes the following:
• 16-bit auto-reload timer/counter
• 16-bit capture
• 16-bit counter
• 8-bit capture and 8-bit timer
• 8-bit counter and 8-bit timer
Wake-Up Timer
The microcontroller includes a simple 20-bit wake-up
timer that can be used to measure long intervals. The
user-selectable timer period can be used to generate a
long-period interrupt or wake the device out of stop
mode. The timer can be clocked from either the cur-
rently active system clock or the 8kHz ring oscillator. In
stop mode, only the 8kHz ring oscillator is available as
the wake-up timer clock source. As an interrupt, the
feature increases overall performance by reducing
many shorter timer interruptions to a single interrupt to
measure the same long period. When used in stop
mode, it provides the energy savings of the lowest
power mode with periodic wake-up ability.
Watchdog Timer
An internal watchdog timer greatly increases system
reliability. The timer resets the device if software execu-
tion is disturbed. The watchdog timer is a free-running
counter designed to be periodically reset by the appli-
cation software. If software is operating correctly, the
counter is periodically reset and never reaches its max-
imum count. However, if software operation is interrupt-
ed, the timer does not reset, triggering a system reset
and optionally a watchdog timer interrupt. This protects
the system against electrical noise or electrostatic dis-
charge (ESD) upsets that could cause uncontrolled
processor operation. The internal watchdog timer is an
upgrade to older designs with external watchdog
devices, reducing system cost and simultaneously
increasing reliability.
The watchdog timer is controlled through bits in the
WDCN register. Its timeout period can be set to one of
four programmable intervals ranging from 212 to 221
system clocks in its default clock mode, allowing flexi-
bility to support different types of applications. The
interrupt occurs 512 system clocks before the reset,
allowing the system to execute an interrupt and place
the system in a known, safe state before the device
performs a total system reset. At 3.58MHz, watchdog
timeout periods can be programmed from 1.14ms to
149.94s, depending on the system clock mode.
Analog Comparator
The analog comparator is a 1-bit, analog-to-digital
comparator. The comparator input can be connected to
a wide range of peripherals, including chemical sen-
sors and motion or proximity detectors, or any other
appropriate analog input. The comparator measures
the analog input against either an external voltage ref-
erence or the internal +2.5V reference. When the level
on the comparator input, CMPI, rises above the select-
ed voltage reference, the CMO bit in the CMPC register
is changed to the desired level. The device then
responds by asserting an external signal and/or activat-
ing an internal interrupt request. The polarity of the
external signal asserted is programmable. When not in
use, the pins associated with the comparator are
usable as general-purpose I/O.
In addition, the +2.5V reference is configurable to be
output on the VREF pin. This provides an absolute volt-
age reference for use with data converters or other pre-
cision devices.


Similar Part No. - MAXQ3212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3212-EJX MAXIM-MAXQ3212-EJX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAXQ3212-EMX MAXIM-MAXQ3212-EMX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
More results

Similar Description - MAXQ3212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3210 MAXIM-MAXQ3210 Datasheet
451Kb / 28P
   Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Rev 1; 5/06
logo
Cypress Semiconductor
SK-MB9DF125-001 CYPRESS-SK-MB9DF125-001 Datasheet
457Kb / 9P
   SpansionR Analog and Microcontroller
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Analog Devices
ADUCM430 AD-ADUCM430_V01 Datasheet
88Kb / 2P
   Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
logo
Infineon Technologies A...
TLE9879-2QXA40 INFINEON-TLE9879-2QXA40 Datasheet
3Mb / 133P
   Microcontroller with LIN and BLDC MOSFET Driver
Rev. 1.0 2018-01-16
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
   Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
logo
Diodes Incorporated
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com