Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ3212 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAXQ3212
Description  Microcontroller with Analog Comparator and LED Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3212 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAXQ3212 Datasheet HTML 12Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 13Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 14Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 15Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 16Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 17Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 18Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 19Page - Maxim Integrated Products MAXQ3212 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Microcontroller with Analog Comparator
and LED Driver
16
____________________________________________________________________
System Timing
For maximum versatility, the MAXQ3212 generates its
internal system clock from several sources:
• External clock source, including low-cost operation
from 3.58MHz “Colorburst” crystal
• External crystal or ceramic resonator, using the
internal oscillator
• External RC, using the internal relaxation oscillator
• Internal ring oscillator
A crystal warmup counter enhances operational relia-
bility. Each time the external crystal oscillation must
restart, such as after exiting stop mode, the device initi-
ates a crystal warmup period of 65,536 oscillations.
This allows time for the crystal amplitude and frequency
to stabilize before using it as a clock source. While in
the warmup mode, the device operates from the inter-
nal 8kHz ring oscillator and can optionally switch back
to the crystal as soon as the warmup period expires.
MAXQ3212
CLOCK
DIVIDER
CLOCK
SELECTOR
WATCHDOG
TIMER
CLOCK
RESET
STOP
POR
RC
OSCILLATOR
KILL
RC CLK
X-DOG
STARTUP
TIMER
XT CLK
RGMD
XT/RC
DONE
RESET
STOP
XTE
RGSL
XT/RC
SYSTEM
CLOCK
CRYSTAL/
RESONATOR
OSCILLATOR
KILL
STOP
RGSL
INTERNAL
NANO-RING
OSCILLATOR
RGSL
RGMD
RESET
RWT
EWT
EWDI
Figure 2. Clock Sources


Similar Part No. - MAXQ3212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3212-EJX MAXIM-MAXQ3212-EJX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAXQ3212-EMX MAXIM-MAXQ3212-EMX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
More results

Similar Description - MAXQ3212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3210 MAXIM-MAXQ3210 Datasheet
451Kb / 28P
   Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Rev 1; 5/06
logo
Cypress Semiconductor
SK-MB9DF125-001 CYPRESS-SK-MB9DF125-001 Datasheet
457Kb / 9P
   SpansionR Analog and Microcontroller
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Analog Devices
ADUCM430 AD-ADUCM430_V01 Datasheet
88Kb / 2P
   Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
logo
Infineon Technologies A...
TLE9879-2QXA40 INFINEON-TLE9879-2QXA40 Datasheet
3Mb / 133P
   Microcontroller with LIN and BLDC MOSFET Driver
Rev. 1.0 2018-01-16
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
   Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
logo
Diodes Incorporated
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com