Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9512 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX9512
Description  Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9512 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AC CHARACTERISTICS
(VDD = VSHDN = +3.3V, VSMARTSLEEP = GND = 0V, RL = 150Ω to GND. TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 2.7V, YIN = 0.65V, CIN = 0.7VP-P
1.4
Color Subcarrier Output Voltage
Swing
VDD = 3.0V, YIN = 0.75V, CIN = 0.9VP-P
1.8
VP-P
Mixer HPF -3dB Frequency
300
kHz
f = 5.5MHz
-0.1
f = 6.75MHz
-1
-0.3
+1
f = 11MHz
-3
Standard-Definition
Reconstruction Filter
Inputs are 1VP-P,
Reference frequency is
1MHz
f = 27MHz
-33
-41
dB
DC-coupled output, 5-step
modulated staircase
f = 3.58MHz or
4.43MHz
0.2
Differential Gain
DG
AC-coupled output, 5-step
modulated staircase
f = 3.58MHz or
4.43MHz
0.4
%
f = 3.58MHz
0.62
DC-coupled output, 5-step
modulated staircase
f = 4.43MHz
0.75
f = 3.58MHz
0.78
Differential Phase
DP
AC-coupled output, 5-step
modulated staircase
f = 4.43MHz
1.01
degrees
2T Pulse Response
2T = 200ns or 250ns
0.2
K%
Video Filter Amplifier with SmartSleep
and Y/C Mixer Circuit
4
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn