Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4985 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4985
Description  Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4985 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4985 Datasheet HTML 5Page - National Semiconductor (TI) LM4985 Datasheet HTML 6Page - National Semiconductor (TI) LM4985 Datasheet HTML 7Page - National Semiconductor (TI) LM4985 Datasheet HTML 8Page - National Semiconductor (TI) LM4985 Datasheet HTML 9Page - National Semiconductor (TI) LM4985 Datasheet HTML 10Page - National Semiconductor (TI) LM4985 Datasheet HTML 11Page - National Semiconductor (TI) LM4985 Datasheet HTML 12Page - National Semiconductor (TI) LM4985 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Electrical Characteristics V
DD = 2.5V (Notes 1, 2) (Continued)
The following specifications apply for R
L =16
Ω, f = 1kHz, and C
B = 4.7µF unless otherwise specified. Limits apply to TA =
25˚C.
Symbol
Parameter
Conditions
LM4985
Units
(Limits)
Typ
(Note 6)
Limit
(Notes 7,
8)
A
VMAX
Maximum Gain
Code = 11111
18
dB
∆A
V
Gain Accuracy per Step
18dB
≥ A
V
≥ –44dB
–44dB
≥ A
V > –76dB
± 0.5
± 1.0
dB
V
OS
Output Offset Voltage
OCL
R
LOAD =32
V
IN =ACGND
2.0
mV
Note 1: All voltages are measured with respect to the GND pin unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX,
θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX -TA)/ θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4985, see power derating
currents for more information.
Note 4: Human Body Model: 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model: 200pF
≤ Cmm ≤ 220pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: 10
Ω terminated input.
Note 10: The LDA10A package has its exposed-DAP soldered to an exposed 1.2in2 area of 1oz. Printed circuit board copper.
Note 11: The wake-up time (TWU) is calculated using the following formula; TWU =[CBYPASS (VDD)/2(IBYPASS)] + 40ms.
External Components Description (Figure 2)
Components
Functional Description
1.
C
I
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a
high-pass filter with R
i at fc = 1/(2
πR
iCi). Refer to the section Proper Selection of External Components, for
an explanation of how to determine the value of C
i.
2.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
3.
C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of Proper
Components, for information concerning proper placement and selection of C
B
6.
C
o
Output coupling capacitor which blocks the DC voltage at the amplifier’s output. Forms a high pass filter with
R
L at fo = 1/(2
πR
LCo)
www.national.com
9


Similar Part No. - LM4985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4985 TI1-LM4985 Datasheet
1Mb / 33P
[Old version datasheet]   LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
LM4985TMEVAL TI1-LM4985TMEVAL Datasheet
1Mb / 33P
[Old version datasheet]   LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
LM4985 TI1-LM4985_14 Datasheet
1Mb / 33P
[Old version datasheet]   LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
More results

Similar Description - LM4985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4985 TI1-LM4985_14 Datasheet
1Mb / 33P
[Old version datasheet]   LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
   Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com