Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX25870 Datasheet(PDF) 93 Page - Synaptics Incorporated.

Part # CX25870
Description  Video Encoder with Adaptive Flicker Filtering and HDTV Output
Download  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX25870 Datasheet(HTML) 93 Page - Synaptics Incorporated.

Back Button CX25870 Datasheet HTML 89Page - Synaptics Incorporated. CX25870 Datasheet HTML 90Page - Synaptics Incorporated. CX25870 Datasheet HTML 91Page - Synaptics Incorporated. CX25870 Datasheet HTML 92Page - Synaptics Incorporated. CX25870 Datasheet HTML 93Page - Synaptics Incorporated. CX25870 Datasheet HTML 94Page - Synaptics Incorporated. CX25870 Datasheet HTML 95Page - Synaptics Incorporated. CX25870 Datasheet HTML 96Page - Synaptics Incorporated. CX25870 Datasheet HTML 97Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 291 page
background image
CX25870/871
1.0 Functional Description
Flicker-Free Video Encoder with Ultrascale Technology
1.3 Device Description
100381B
Conexant
1-77
NOTE:
No change to the incoming or outgoing HSYNC* and VSYNC* signal
frequencies are necessary for SCART generation. The sync rates should
continue to match those found with PAL-BDGHI transmission.
While the CX25870/871 is in SCART outmode, the composite video output
(Video[3]) contains a standard bilevel analog sync along with all other
components that comprise a standard PAL-BDGHI video signal. The sync pulse
has an amplitude of 0 mV to 300 mV peak-to-peak and a duration of 4.70
µs by
default. The amplitude can only be adjusted through the use of external passives,
but its width can be adjusted through serial writing of the CX25870
HSYNC_WIDTH register.
The CX25870’s Composite should be used by the subsystem to provide the
positive-going Video output/sync output expected by SCART-compliant display
devices. In other words, the PAL Composite output should be fed into the Video
Input (Contact #20-CEI IEC 933-1) on the SCART connector. CVBS will possess
the same bandwidth and time delays as the CX25870 RGB primary color signals.
The inclusion of a full composite video signal as the 4th output exceeds the
SCART capabilities of some non-Conexant Flicker Filter encoders which choose
to output only Composite Sync as the 4th output. This implementation benefits
the customer because some European Set-Top Boxes connect to TVs solely
through the SCART connector. If the TV only receives Composite video via the
SCART connector, and the Set Top Box is set to RGB output with sync for
blanking (not CVBS) on pin 20, a picture will not be present at all on the TV.
However, with the CX25870, if the TV only receives CVBS (not RGB) and the
Set Top Box is set to RGB output with CVBS on pin 20 the customer will get a
colorful picture on his TV.
Table 1-24. Serial Writes Required to Switch CX25870/871 into SCART Output Operation
Bit Name
Location
Value
Comment
EN_SCART
Bit 3–Register 0x6C
1
Enables SCART Output mode. DACs will transmit Video[0-3] as
SCART compatible RGB/CVBS outputs.
By default, in SCART Output mode, the CX25870 will transmit:
DAC_A = Video[0] = Red
DAC_B = Video[1] = Green
DAC_C = Video[2] = Blue
DAC_D = Video[3] = PAL Composite (CVBS)
OUT_MUXD[1:0]
OUT_MUXC[1:0]
OUT_MUXB[1:0]
OUT_MUXA[1:0]
Bits 7:0–Register CE
E4
By configuring the DAC routing register, the CX25870 will now
transmit:
DAC_A = Video[0] = 00 = Red
DAC_B = Video[1] = 01 = Green
DAC_C = Video[2] = 10 = Blue
DAC_D = Video[3] = 11 = PAL Composite (CVBS)
OUT_MODE[1:0]
Bits 3:2–Register D6
11
Forces CX25870 to generate SCART output mode.


Similar Part No. - CX25870

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25874 CONEXANT-CX25874 Datasheet
296Kb / 4P
   Video Encoder with HDTV Output
CX25875 CONEXANT-CX25875 Datasheet
296Kb / 4P
   Video Encoder with HDTV Output
More results

Similar Description - CX25870

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25874 CONEXANT-CX25874 Datasheet
296Kb / 4P
   Video Encoder with HDTV Output
logo
List of Unclassifed Man...
BT868 ETC-BT868 Datasheet
2Mb / 104P
   Flicker-Free Video Encoder with UltrascaleTM Technology
logo
Analog Devices
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
   Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
logo
Gennum Corporation
GS1504 GENNUM-GS1504 Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
GS1504 GENNUM-GS1504_04 Datasheet
379Kb / 13P
   HDTV Adaptive Equalizer
logo
Analog Devices
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com