Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX25870 Datasheet(PDF) 68 Page - Synaptics Incorporated.

Part # CX25870
Description  Video Encoder with Adaptive Flicker Filtering and HDTV Output
Download  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX25870 Datasheet(HTML) 68 Page - Synaptics Incorporated.

Back Button CX25870 Datasheet HTML 64Page - Synaptics Incorporated. CX25870 Datasheet HTML 65Page - Synaptics Incorporated. CX25870 Datasheet HTML 66Page - Synaptics Incorporated. CX25870 Datasheet HTML 67Page - Synaptics Incorporated. CX25870 Datasheet HTML 68Page - Synaptics Incorporated. CX25870 Datasheet HTML 69Page - Synaptics Incorporated. CX25870 Datasheet HTML 70Page - Synaptics Incorporated. CX25870 Datasheet HTML 71Page - Synaptics Incorporated. CX25870 Datasheet HTML 72Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 291 page
background image
1.0 Functional Description
CX25870/871
1.3 Device Description
Flicker-Free Video Encoder with Ultrascale Technology
1-52
Conexant
100381B
1.3.26 Subcarrier Generation
The device uses a 32-bit-word to synthesize the subcarrier. The value of the
subcarrier increment required to generate the desired subcarrier frequency is
found with the following equations:
NTSC:
MSC[31:0] = int((455/(2*H_CLKO)) *232 + 0.5)
PAL:
MSC[31:0] = int((1135+1/625)/H_CLKO)*232 + 0.5
SECAM:
MSC_DB[31:0] = int((272/(2*H_CLKO)*232 + 0.5)
MSC_DR[31:0] = int((272/(2*H_CLKO)*232 + 0.5)
where:H_CLKO is the number of output clocks/line (this is register 0x76 and the
low nibble of 0x86).
This allows the generation of any desired subcarrier for any desired video
standard. The 32-bit subcarrier increment must be loaded by the serial interface
before the subcarrier is enabled. The device is reset to disable chroma until the
last byte of the 32-bit increment loads, at which time the chroma is enabled,
unless the DCHROMA bit is set.
In order to prevent any residual errors from accumulating, the subcarrier DTO
(Discrete Time Oscillator) is reset every four fields for NTSC formats and every
eight fields for PAL formats. For best quality in SECAM, the DIS_SCRST bit
should be set preventing a subcarrier phase reset at the beginning of each color
field sequence. Furthermore, the SECAM subcarrier is generated on lines 23-310
and 336-623 automatically unless disabled by the PROG_SC bit.
1.3.27 Subcarrier Phase Reset/Offset
In order to maintain correct SC-H phasing, the subcarrier phase is set to 0 degrees
on the leading edge of the analog vertical sync every four (NTSC) or eight (PAL)
fields, unless the DIS_SCRST (bit four of register 0xA2) is set to a logical 1. This
is true for both interlaced and noninterlaced outputs. The subcarrier phase can be
adjusted from the nominal 0 degrees phase by the PHASE_OFF[7:0] register,
where each LSB change corresponds to a 360/256 = 1.406 degrees change in the
phase.
Setting DIS_SCRST to 1 may be useful in situations where the ratio of CLK/2
to HSYNC* edges in a color frame is noninteger, which could produce a
significant phase impulse by resetting to 0.


Similar Part No. - CX25870

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25874 CONEXANT-CX25874 Datasheet
296Kb / 4P
   Video Encoder with HDTV Output
CX25875 CONEXANT-CX25875 Datasheet
296Kb / 4P
   Video Encoder with HDTV Output
More results

Similar Description - CX25870

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25874 CONEXANT-CX25874 Datasheet
296Kb / 4P
   Video Encoder with HDTV Output
logo
List of Unclassifed Man...
BT868 ETC-BT868 Datasheet
2Mb / 104P
   Flicker-Free Video Encoder with UltrascaleTM Technology
logo
Analog Devices
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
   Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
logo
Gennum Corporation
GS1504 GENNUM-GS1504 Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
GS1504 GENNUM-GS1504_04 Datasheet
379Kb / 13P
   HDTV Adaptive Equalizer
logo
Analog Devices
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com