Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1373B-100BGI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1373B-100BGI
Description  512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1373B-100BGI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1373B-100BGI Datasheet HTML 1Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 2Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1373B-100BGI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05198 Rev. **
Revised February 4, 2002
512K x 36/1M x 18 Flow-Thru SRAM with NoBL™ Architecture
CY7C1371B
CY7C1373B
73B
Features
• Pin compatible and functionally equivalent to ZBT
devices
• Supports 117-MHz bus operations with zero wait states
— Data is transferred on every clock
• Internally self-timed output buffer control to eliminate
the need to use asynchronous OE
• Registered inputs for flow-thru operation
• Byte Write capability
• Common I/O architecture
• Fast clock-to-output times
— 7.5 ns (for 117-MHz device)
— 8.5 ns (for 100-MHz device)
— 10.0ns (for 83-MHz device)
• Single 3.3V –5% and +10% power supply VDD
• Separate VDDQ for 3.3V or 2.5V I/O
• Clock enable (CEN) pin to suspend operation
• Synchronous self-timed writes
• Available in 100 TQFP and 119 BGA packages
• Burst capability – linear or interleaved burst order
• JTAG boundary scan for BGA packaging version
• Automatic power down available using ZZ mode or CE
deselect
Functional Description
The CY7C1371B/CY7C1373B is 3.3V, 512K × 36 and 1M × 18
synchronous flow-thru burst SRAMs, respectively designed to
support unlimited true back-to-back Read/Write operations
without the insertion of wait states. The CY7C1371B/
CY7C1373B is equipped with the advanced No Bus Latency™
(NoBL
) logic required to enable consecutive Read/Write
operations with data being transferred on every clock cycle.
This feature dramatically improves the throughput of data
through the SRAM, especially in systems that require frequent
Write/Read transitions.The CY7C1371B/CY7C1373B is pin
compatible and functionally equivalent to ZBT devices.
All synchronous inputs pass through input registers controlled
by the rising edge of the clock.The clock input is qualified by
the Clock enable (CEN) signal, which when deasserted
suspends operation and extends the previous clock cycle.
Maximum access delay from the clock rise is 7.5 ns (117-MHz
device).
Write operations are controlled by the byte Write Selects
(BWSa,b,c,d for CY7C1371B and BWSa,b for CY7C1373B) and
a Write enable (WE) input. All writes are conducted with
on-chip synchronous self-timed Write circuitry. ZZ may be tied
to LOW if it is not used.
Synchronous Chip enables (CE1, CE2, CE3 on the TQFP, CE1
on the BGA) and an asynchronous Output enable (OE)
provide for easy bank selection and output three-state control.
In order to avoid bus contention, the output drivers are
synchronously three-stated during the data portion of a Write
sequence.
CLK
Ax
CEN
WE
BWSx
CE1
CE
CE2
OE
256K X 36/
Memory
Array
Logic Block Diagram
DQx
Data-In REG.
Q
D
CE
Control
and Write
Logic
3
ADV/LD
Mode
DPx
CY7C1371
CY7C1373
AX
DQX
DPX
BWSX
512K X 18
X = 18:0
X = 19:0
X= a, b, c, d X = a, b
X = a, b
X = a, b
X = a, b, c, d
X = a, b, c, d
Selection Guide
117 MHz
100 MHz
83 MHz
Unit
Maximum Access Time
7.5
8.5
10.0
ns
Maximum Operating Current
250
225
185
mA
Maximum CMOS Standby Current
20
20
20
mA


Similar Part No. - CY7C1373B-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1373C CYPRESS-CY7C1373C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1373C-100AC CYPRESS-CY7C1373C-100AC Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1373C-100AI CYPRESS-CY7C1373C-100AI Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1373C-100BGC CYPRESS-CY7C1373C-100BGC Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1373C-100BZC CYPRESS-CY7C1373C-100BZC Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1373B-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com