Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V73273 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT72V73273
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V73273 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V73273 Datasheet HTML 1Page - Integrated Device Technology IDT72V73273 Datasheet HTML 2Page - Integrated Device Technology IDT72V73273 Datasheet HTML 3Page - Integrated Device Technology IDT72V73273 Datasheet HTML 4Page - Integrated Device Technology IDT72V73273 Datasheet HTML 5Page - Integrated Device Technology IDT72V73273 Datasheet HTML 6Page - Integrated Device Technology IDT72V73273 Datasheet HTML 7Page - Integrated Device Technology IDT72V73273 Datasheet HTML 8Page - Integrated Device Technology IDT72V73273 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
INDUSTRIAL TEMPERATURERANGE
IDT72V73273 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH WITH RATE MATCHING 32,768 x 32,768 CHANNELS
PIN DESCRIPTION (CONTINUED)
TX0-7
TXOutput
O
*See PQFP
*See PBGA Serial Data Output Stream. These streams may have data rates of 2.048Mb/s,
TX16-23
Table Below
Table Below 4.096Mb/s, 8.192Mb/s,16.384Mb/s, or 32.768Mb/s depending upon the
TX32-39
selection in Transmit Data Rate Selection Register (TDRSR).
TX48-55
TX8-15/OEI0-7
TXOutput/OutputEnable
O
*See PQFP
*See PBGA When output streams are selected via TDRSR, these pins are the TX output
TX24-31/OEI16-23 Indication
Table Below
Table Below streams. When output enable indication function is selected, these pins reflect the
TX40-47/OEI32-39
active or High-Impedance status for the corresponding TX output stream.
TX56-63/OEI48-55
VCC
*See PQFP
*See PBGA +3.3 Volt Power Supply.is in the normal functional mode.
Table Below
Table Below
SYMBOL
NAME
I/O
PQFP
PBGA
DESCRIPTION
PIN NO.
PIN NO.
PQFP PIN NUMBER TABLE
SYMBOL
NAME
I/O
DESCRIPTION
A0-A15
Address A0-A15
I
15, 16, 17, 18, 19, 20, 21, 22, 23, 24, 25, 26, 27, 28, 29, 30.
D0-D15
Data Bus 0-15
I/O
54, 53, 52, 51, 48, 47, 46, 45, 42, 41, 40, 39, 36, 35, 34, 33.
GND
Ground
1, 38, 44, 50, 68, 74, 80, 106, 112, 118, 143, 149, 155, 181, 187, 193.
RX0-63
RX Input 0 to 63
I
206, 205 , 204 , 203 , 202 , 201 , 200 , 199 , 198 , 175 , 174 , 173 , 172 , 171 , 170 , 169 , 168 , 167 ,166 ,
165 , 164 , 163 , 162 , 161 , 138 , 137 , 136 , 135 , 134 , 133 , 132 , 131 , 130 ,129 , 128 , 127 , 126 , 125 ,
124 , 123 , 100 , 99, 98 , 97 , 96 , 95 , 94 , 93 , 92 , 91 , 90 , 89 , 88 , 87 , 86 , 85, 62 , 61 , 60 , 59, 58 ,
57 , 56 , 55 .
TX0-7
TXOutput
O
198, 197, 196, 195, 192, 191, 190, 189.
TX16-23
160, 159, 158, 157, 154, 153, 152, TX23=151.
TX32-39
122, 121, 120, 119, 116, 115, 114, 113.
TX48-55
84, 83, 82, 81, 78, 77, 76, 75.
TX8-15/OEI0-7
TXOutput/Output
O
186, 185, 184, 183, 180, 179,178, 177.
TX24-31/OEI16-23
148, 147, 146, 145, 142, 141, 140, 139.
TX40-47/OEI32-39
110, 109, 108, 107, 104, 103, 102, 101.
TX56-63/OEI48-55
72, 71, 70, 69, 66, 65, 64, 63.
Vcc
4, 14, 37, 43, 49, 67, 73, 79, 105, 111, 117, 144, 150, 156, 182, 188, 194.
PBGA PIN NUMBER TABLE
SYMBOL
NAME
I/O
DESCRIPTION
A0-A15
Address A0-A15
I
E3, E4, F1, F2, F3, F4, G1, G2, G3, H1, H2, H3, J3, J2, J1, K3.
D0-D15
Data Bus 0-15
I/O
T2, T1, R1, P1, P2, N1, N2, N3, M1, M2, M3, M4, L1, L2, L3, K1.
GND
Ground
G7, G8, G9, G10, H7, H8, H9, H10, J7, J8, J9, J10, K7, K8, K9, K10.
RX0-63
RX Input 0 to 63
I
B3, A4 , B4 , C4 , A5 , B5 , C5 , D5 , D11 , C11 , B11 , A11 , D12 , C12 , B12 , A12 , E13 , D13 , C13 ,
B13 , A13 , D14 , C14 , B14 , G16 , G15, G14 , H16 , H15 , H14 , J14 , J15 , J16 , K14 , K15 , K16 , L13,
L14 , L15 , L16 , R14 , T13, R13 , P13 , T12 , R12 , P12 , N12 , T11 , R11 , P11 , N11 , T10 , R10 , P10 ,
T9, N4 , P4 , R4 , T4, P3 , R3 , T3 , R2 .
TX0-7
TXOutput
O
A6, B6, ,C6 D6, A7, B7, C7, A8.
TX16-23
A14, B15, A15, A16, B16, C16, C15, D16.
TX32-39
M13, M14, M15, M16, N13, N14, N15, N16.
TX48-55
R9, P9, P8, R8, T8, P7, R7, T7.
TX8-15/OEI0-7
TXOutput/Output
O
B8, C8, C9, B9, A9, C10, B10, A10.
TX24-31/OEI16-23
D15, E16, E15, E14, F16, F15, F14, F13.
TX40-47/OEI32-39
P14, P15, P16, R16, T16, T15, R15, T14.
TX56-63/OEI48-55
N6, P6, R6, T6, N5, P5, R5, T5.
Vcc
B2, D7, D8, D9, D10, G4, G13, H4, H13, J4, J13, K4, K13, N7, N8, N9, N10.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology
IDT72V71623 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2 048 x 2 048 1  2  3  4  5  More Integrated Device Technology
IDT72V73250 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8 192 x 8 192 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V7326 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16 384 X 16 384 1  2  3  4  5  More Integrated Device Technology
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8988 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn