Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V73273 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT72V73273
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V73273 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V73273 Datasheet HTML 1Page - Integrated Device Technology IDT72V73273 Datasheet HTML 2Page - Integrated Device Technology IDT72V73273 Datasheet HTML 3Page - Integrated Device Technology IDT72V73273 Datasheet HTML 4Page - Integrated Device Technology IDT72V73273 Datasheet HTML 5Page - Integrated Device Technology IDT72V73273 Datasheet HTML 6Page - Integrated Device Technology IDT72V73273 Datasheet HTML 7Page - Integrated Device Technology IDT72V73273 Datasheet HTML 8Page - Integrated Device Technology IDT72V73273 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
INDUSTRIAL TEMPERATURERANGE
IDT72V73273 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH WITH RATE MATCHING 32,768 x 32,768 CHANNELS
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
C32i
RESET
S/
A(1)
F32i
CS
A2
A6
D3
D2
D1
D0
RX62
RX2
TX48
TX0
RX14
TX12/
OEI4
TX14/
OEI6
RX55
RX11
TX19
TX51
RX20
TX59/
OEI51
RX15
RX1
TX52
RX4
TX54
TX63/
OEI55
A12
RX59
TX16
TX18
TX20
TX25/
OEI17
TX28/
OEI20
RX24
12
3
4
56
7
8
9
10
11
12
13
14
15
16
A1 BALL PAD CORNER
TX27/
OEI19
TX30/
OEI22
RX26
RX29
RX30
RX33
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
TX8/
OEI0
RX5
A15
D14
D10
D7
RX60
RX61
TX15/
OEI7
RX10
TX33
RX37
A9
A14
D15
D12
D8
D5
TMS
TCK
R/
W
A3
A7
A10
DTA/
BEH
A13
D13
D9
D6
D4
RX63
TX55
TX42/
OEI34
TX43/
OEI35
TX44/
OEI36
RX27
RX32
RX35
RX39
TX35
TX39
RX52
RX48
RX44
TX45/
OEI37
TX47/
OEI39
RX41
RX19
TX17
RX23
TRST
A0
A4
A8
A11
Vcc
RX0
TX1
TX6
RX3
TX2
RX6
RX9
TX9/
OEI1
TX13/
OEI5
TX10/
OEI2
TX22
RX13
RX22
RX18
VCC
DS
TX3
RX7
RX8
VCC
VCC
VCC
TX24/
OEI16
RX12
RX21
RX17
VCC
VCC
RX36
TX32
TX36
RX43
RX42
RX16
TX31/
OEI23
VCC
VCC
RX58
TX58/
OEI50
TX62/
OEI54
RX53
RX45
RX49
RX40
TX46/
OEI38
RX31
RX34
RX38
TX34
TX38
TX41/
OE33
TX26/
OEI18
TX29/
OEI21
RX25
RX28
A1
A5
VCC
VCC
VCC
VCC
D11
BEL
VCC
RX56
TX56/
OEI48
TX60/
OEI52
RX51
VCC
VCC
VCC
RX47
RX57
TX53
TX57/
OEI49
TX61/
OEI53
RX50
TX50
RX54
TX49
RX46
TX40/
OEI32
TX37
ODE
TX21
TX23
TDO
TX5
TX11/
OEI3
TX4
TX7
TDI
6140 drw03
PIN CONFIGURATIONS (CONTINUED)
PBGA: 1mm pitch, 17mm x 17mm (BB208-1 order code: BB)
TOP VIEW
NOTES:
1. S/
A should be tied directly to Vcc or GND for proper
operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology
IDT72V71623 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2 048 x 2 048 1  2  3  4  5  More Integrated Device Technology
IDT72V73250 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8 192 x 8 192 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V7326 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16 384 X 16 384 1  2  3  4  5  More Integrated Device Technology
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8988 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn