Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V73273 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT72V73273
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V73273 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V73273 Datasheet HTML 1Page - Integrated Device Technology IDT72V73273 Datasheet HTML 2Page - Integrated Device Technology IDT72V73273 Datasheet HTML 3Page - Integrated Device Technology IDT72V73273 Datasheet HTML 4Page - Integrated Device Technology IDT72V73273 Datasheet HTML 5Page - Integrated Device Technology IDT72V73273 Datasheet HTML 6Page - Integrated Device Technology IDT72V73273 Datasheet HTML 7Page - Integrated Device Technology IDT72V73273 Datasheet HTML 8Page - Integrated Device Technology IDT72V73273 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
INDUSTRIAL TEMPERATURERANGE
IDT72V73273 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH WITH RATE MATCHING 32,768 x 32,768 CHANNELS
PIN CONFIGURATIONS
6140 drw02
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
156
155
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
GND
C32i
F32i
Vcc
S/
A(1)
TMS
TDI
TDO
TCK
TRST
DS
CS
R/
W
VCC
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
BEL
DTA/BEH
D15
D14
D13
D12
VCC
GND
D11
D10
D9
D8
VCC
GND
D7
D6
D5
D4
VCC
GND
D3
D2
VCC
GND
TX20
TX21
TX22
TX23
VCC
GND
TX24/OEI16
TX25/OEI17
TX26/OEI18
TX27/OEI19
VCC
GND
TX28/OEI20
TX29/OEI21
TX30/OEI22
TX31/OEI23
RX24
RX25
RX26
RX27
RX28
RX29
RX30
RX31
RX32
RX33
RX34
RX35
RX36
RX37
RX38
RX39
TX32
TX33
TX34
TX35
GND
VCC
TX36
TX37
TX38
TX39
GND
VCC
TX40/OEI32
TX41/OEI33
TX42/OEI34
TX43/OEI35
GND
VCC
PIN 1
PQFP: 0.50mm pitch, (28mm x 28mm) (DR208-1 order code: DR)
TOP VIEW
NOTES:
1. S/A should be tied directly to VCC or GND for proper
operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology
IDT72V71623 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2 048 x 2 048 1  2  3  4  5  More Integrated Device Technology
IDT72V73250 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8 192 x 8 192 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V7326 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16 384 X 16 384 1  2  3  4  5  More Integrated Device Technology
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8988 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn