Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45G20A3 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # 45G20A3
Description  45.0MHz Monolithic Crystal Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

45G20A3 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  45G20A3 Datasheet HTML 1Page - Golledge Electronics Ltd 45G20A3 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
06 Mar 2000
45.0MHz Monolithic Crystal Filters
GMCF-45
Operating temperature range of -20 to +70°C.
Most UM-1 models also available in UM-4 or UM-5
Formed leads and jacket SM option for UM-1, UM-4, UM-5
Fundamental Mode
Model
Centre
Number
Pass Band
Attenuation
In-Band
Insertion
Guaranteed
Termination
Package
Number
Frequency
of Poles
dB @ kHz
Band
Ripple
Loss
Attenuation
(
// pF)
Style
(MHz)
dB @ kHz
(dB)
(dB)
(dB @ kHz)
45G7A1
45.000
2
3
±3.75
10
±12.5
1.0
2.5
65
±910
300 // 10.0
UM-1/3L
45G7B1
45.000
4
3
±3.75
30
±12.5
1.0
4.0
90
±910
300 // 8.0
UM-1/3Lx2
(C
C=20pF)
45G15A1
45.000
2
3
±7.5
15
±25.0
1.0
2.0
35
+500 ~ +1000
650 // 4.5
UM-1/3L
40
-200 ~ -1000
45G15B1
45.000
4
3
±7.5
30
±25.0
1.0
3.0
70
+500 ~ +1000
650 // 1.5
UM-1/3Lx2
70
-200 ~ -1000
(C
C=9.0pF)
45G20A1
45.000
2
3
±10.0
15
±34.0
1.0
2.0
35
+500 ~ +1000
700 // 2.5
UM-1/3L
40
-200 ~ -1000
45G20B1
45.000
4
3
±10.0
40
±48.0
1.0
3.0
70
+500 ~ +1000
700 // 1.5
UM-1/3Lx2
70
-200 ~ -1000
(C
C=6.5pF)
45G30A1
45.000
2
3
±15.0
15
±50.0
1.0
2.0
35
+500 ~ +1000
800 // 1.5
UM-1/3L
35
-300 ~ -1000
45G30B1
45.000
4
3
±15.0
40
±60.0
1.0
3.0
70
+500 ~ +1000
800 // 1.0
UM-1/3Lx2
70
-300 ~ -1000
(C
C=5.0pF)
3rd Overtone Mode
Model
Centre
Number
Pass Band
Attenuation
In-Band
Insertion
Guaranteed
Termination
Package
Number
Frequency
of Poles
dB @ kHz
Band
Ripple
Loss
Attenuation
(
// pF)
Style
(MHz)
dB @ kHz
(dB)
(dB)
(dB @ kHz)
45G7A3
45.000
2
3
±3.75
10
±12.5
1.0
2.0
35
±910
2500 // -0.5
UM-1/3L
45G7B3
45.000
4
3
±3.75
30
±12.5
1.0
4.0
75
±910
2500 // -0.5
UM-1/3Lx2
(C
C=0pF)
45G15A3
45.000
2
3
±7.5
18
±28.0
1.0
2.0
35
+500 ~ +1000
4000 // -1.0
UM-1/3L
35
-200 ~ -1000
45G15B3
45.000
4
3
±7.5
40
±30.0
1.0
3.0
70
+500 ~ +1000
4000 // -1.0
UM-1/3Lx2
70
-200 ~ -1000
(C
C=-1.0pF)
45G20A3
45.000
2
3
±10.0
15
±30.0
1.0
2.0
35
+500 ~ +1000
5000 // -1.0
UM-1/3L
35
-200 ~ -1000
45G20B3
45.000
4
3
±10.0
35
±40.0
1.0
3.0
70
+500 ~ +1000
5000 // -1.0
UM-1/3Lx2
70
-200 ~ -1000
(C
C=-1.5pF)
45G30A3
45.000
2
3
±15.0
15
±50.0
1.0
2.0
30
+500 ~ +1000
8000 // -1.0
UM-1/3L
30
-300 ~ -1000
45G30B3
45.000
4
3
±15.0
30
±50.0
1.0
3.0
70
+500 ~ +1000
8000 // -1.0
UM-1/3Lx2
70
-300 ~ -1000
(C
C=-1.5pF)


Similar Part No. - 45G20A3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
45G122 TOSHIBA-45G122 Datasheet
835Kb / 16P
   Discrete IGBTs
45G124 TOSHIBA-45G124 Datasheet
835Kb / 16P
   Discrete IGBTs
45G127 TOSHIBA-45G127 Datasheet
297Kb / 6P
   High Power Switching Applications
45G127 TOSHIBA-45G127 Datasheet
179Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
45G127 TOSHIBA-45G127 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 45G20A3

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
70-UM1-FAMILY WK-70-UM1-FAMILY Datasheet
85Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com