Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SAK-XC167CI-16F40F Datasheet(PDF) 67 Page - Infineon Technologies AG

Part No. SAK-XC167CI-16F40F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SAK-XC167CI-16F40F Datasheet(HTML) 67 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
XC167-16
Derivatives
Electrical Parameters
Data Sheet
65
V1.2, 2006-03
4.3
Analog/Digital Converter Parameters
Table 14
A/D Converter Characteristics (Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test
Condition
Min.
Max.
Analog reference supply
V
AREF
SR 4.5
V
DDP
+ 0.1
V
1)
1) TUE is tested at
VAREF = VDDP + 0.1 V, VAGND = 0 V. It is verified by design for all other voltages within the
defined voltage range.
If the analog reference supply voltage drops below 4.5 V (i.e.
VAREF ≥ 4.0 V) or exceeds the power supply
voltage by up to 0.2 V (i.e.
VAREF = VDDP + 0.2 V) the maximum TUE is increased to ±3 LSB. This range is not
subject to production test.
The specified TUE is guaranteed only, if the absolute sum of input overload currents on Port 5 pins (see
IOV
specification) does not exceed 10 mA, and if
VAREF and VAGND remain stable during the respective period of
time. During the reset calibration sequence the maximum TUE may be
±4 LSB.
Analog reference ground
V
AGND
SR
V
SS - 0.1
V
SS + 0.1
V
Analog input voltage range
V
AIN
SR
V
AGND
V
AREF
V
2)
2)
VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in these
cases will be X000H or X3FFH, respectively.
Basic clock frequency
f
BC
0.5
20
MHz 3)
Conversion time for 10-bit
result4)
t
C10P
CC 52
× t
BC + tS + 6 × tSYS
Post-calibr. on
t
C10
CC 40
× t
BC + tS + 6 × tSYS
Post-calibr. off
Conversion time for 8-bit
result4)
t
C8P
CC 44
× t
BC + tS + 6 × tSYS
Post-calibr. on
t
C8
CC 32
× t
BC + tS + 6 × tSYS
Post-calibr. off
Calibration time after reset
t
CAL
CC 484
11,696
t
BC
5)
Total unadjusted error
TUE
CC –
±2LSB 1)
Total capacitance
of an analog input
C
AINT
CC –
15
pF
6)
Switched capacitance
of an analog input
C
AINS
CC –
10
pF
6)
Resistance of
the analog input path
R
AIN
CC –
2
k
6)
Total capacitance
of the reference input
C
AREFT
CC –
20
pF
6)
Switched capacitance
of the reference input
C
AREFS
CC –
15
pF
6)
Resistance of
the reference input path
R
AREF
CC –
1
k
6)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn