Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-XC167CI-16F40F Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # SAK-XC167CI-16F40F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-XC167CI-16F40F Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button SAK-XC167CI-16F40F Datasheet HTML 60Page - Infineon Technologies AG SAK-XC167CI-16F40F Datasheet HTML 61Page - Infineon Technologies AG SAK-XC167CI-16F40F Datasheet HTML 62Page - Infineon Technologies AG SAK-XC167CI-16F40F Datasheet HTML 63Page - Infineon Technologies AG SAK-XC167CI-16F40F Datasheet HTML 64Page - Infineon Technologies AG SAK-XC167CI-16F40F Datasheet HTML 65Page - Infineon Technologies AG SAK-XC167CI-16F40F Datasheet HTML 66Page - Infineon Technologies AG SAK-XC167CI-16F40F Datasheet HTML 67Page - Infineon Technologies AG SAK-XC167CI-16F40F Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
XC167-16
Derivatives
Electrical Parameters
Data Sheet
62
V1.2, 2006-03
4) The total supply current in Sleep and Power down mode is the sum of the temperature dependent leakage
current and the frequency dependent current for RTC and main oscillator or auxiliary oscillator (if active).
5) This parameter is determined mainly by the transistor leakage currents. This current heavily depends on the
junction temperature (see Figure 13). The junction temperature
TJ is the same as the ambient temperature TA
if no current flows through the port output drivers. Otherwise, the resulting temperature difference must be
taken into account.
6) All inputs (including pins configured as inputs) at 0 V to 0.1 V or at
VDDP - 0.1 V to VDDP, all outputs (including
pins configured as outputs) disconnected. This parameter is tested at 25
°C and is valid for T
J ≥ 25 °C.
7) This parameter is determined mainly by the current consumed by the oscillator switched to low gain mode (see
Figure 12). This current, however, is influenced by the external oscillator circuitry (crystal, capacitors). The
given values refer to a typical circuitry and may change in case of a not optimized external oscillator circuitry.


Similar Part No. - SAK-XC167CI-16F40F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XC167CI-16F40F INFINEON-SAK-XC167CI-16F40F Datasheet
1Mb / 79P
   16-Bi t Single-Chip Microcontroller Preliminary
V1.0, Oct. 2002
More results

Similar Description - SAK-XC167CI-16F40F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com