Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SAK-XC167CI-16F40F Datasheet(PDF) 63 Page - Infineon Technologies AG

Part No. SAK-XC167CI-16F40F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SAK-XC167CI-16F40F Datasheet(HTML) 63 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
XC167-16
Derivatives
Electrical Parameters
Data Sheet
61
V1.2, 2006-03
Table 12
Current Limits for Port Output Drivers
Port Output Driver
Mode
Maximum Output Current
(
I
OLmax, -IOHmax)
1)
1) An output current above |
IOXnom| may be drawn from up to three pins at the same time.
For any group of 16 neighboring port output pins the total output current in each direction (
ΣI
OL and Σ-IOH) must
remain below 50 mA.
Nominal Output Current
(
I
OLnom, -IOHnom)
Strong driver
10 mA
2.5 mA
Medium driver
4.0 mA
1.0 mA
Weak driver
0.5 mA
0.1 mA
Table 13
Power Consumption XC167 (Operating Conditions apply)
Parameter
Sym-
bol
Limit Values
Unit Test Condition
Min.
Max.
Power supply current (active)
with all peripherals active
I
DDI
15 +
2.6
× f
CPU
mA
f
CPU in [MHz]
1)2)
1) During Flash programming or erase operations the supply current is increased by max. 5 mA.
2) The supply current is a function of the operating frequency. This dependency is illustrated in Figure 11.
These parameters are tested at
VDDImax and maximum CPU clock frequency with all outputs disconnected and
all inputs at
VIL or VIH.
Pad supply current
I
DDP
–5
mA
3)
3) The pad supply voltage pins (
VDDP) mainly provides the current consumed by the pin output drivers. A small
amount of current is consumed even though no outputs are driven, because the drivers’ input stages are
switched and also the Flash module draws some power from the
VDDP supply.
Idle mode supply current
with all peripherals active
I
IDX
15 +
1.2
× f
CPU
mA
f
CPU in [MHz]
2)
Sleep and Power down mode
supply current caused by
leakage4)
I
PDL
5)
128,000
× e
mA
V
DDI = VDDImax
6)
T
J in [°C]
α =
4670 / (273 +
T
J)
Sleep and Power down mode
supply current caused by
leakage and the RTC running,
clocked by the main oscillator4)
I
PDM
7)
0.6 +
0.02
× f
OSC
+
I
PDL
mA
V
DDI = VDDImax
f
OSC in [MHz]
Sleep and Power down mode
supply current caused by
leakage and the RTC running,
clocked by the auxiliary
oscillator at 32 kHz4)
I
PDA
0.1 +
I
PDL
mA
V
DDI = VDDImax


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn