Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SAK-XC167CI-16F40F Datasheet(PDF) 61 Page - Infineon Technologies AG

Part No. SAK-XC167CI-16F40F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SAK-XC167CI-16F40F Datasheet(HTML) 61 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
XC167-16
Derivatives
Electrical Parameters
Data Sheet
59
V1.2, 2006-03
4.2
DC Parameters
Table 11
DC Characteristics (Operating Conditions apply)1)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Max.
Input low voltage TTL
(all except XTAL1,
XTAL3)
V
IL
SR -0.5
0.2
× V
DDP
- 0.1
V–
Input low voltage for
XTAL1, XTAL32)
V
ILC
SR -0.5
0.3
× V
DDI
V–
Input low voltage
(Special Threshold)
V
ILS
SR -0.5
0.45
×
V
DDP
V
3)
Input high voltage TTL
(all except XTAL1,
XTAL3)
V
IH
SR 0.2
× V
DDP
+ 0.9
V
DDP + 0.5 V
Input high voltage
XTAL1, XTAL32)
V
IHC
SR 0.7
× V
DDI
V
DDI + 0.5
V
Input high voltage
(Special Threshold)
V
IHS
SR 0.8
× V
DDP
- 0.2
V
DDP + 0.5 V
3)
Input Hysteresis
(Special Threshold)
HYS
0.04
×
V
DDP
–V
V
DDP in [V],
Series resis-
tance = 0
Ω3)
Output low voltage
V
OL
CC –
1.0
V
I
OL IOLmax
4)
–0.45
V
I
OL IOLnom
4)5)
Output high voltage6)
V
OH
CC
V
DDP - 1.0
V
I
OH IOHmax
4)
V
DDP -
0.45
–V
I
OH IOHnom
4)5)
Input leakage current
(Port 5)7)
I
OZ1
CC –
±300
nA
0 V <
V
IN < VDDP,
T
A ≤ 125 °C
±200
nA
0 V <
V
IN < VDDP,
T
A ≤ 85 °C
14)
Input leakage current
(all other8))7)
I
OZ2
CC –
±500
nA
0.45 V <
V
IN <
V
DDP
Configuration pull-up
current9)
I
CPUH
10)
–-10
µA
V
IN = VIHmin
I
CPUL
11)
-100
µA
V
IN = VILmax


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn