Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SAK-XC167CI-16F40F Datasheet(PDF) 53 Page - Infineon Technologies AG

Part No. SAK-XC167CI-16F40F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SAK-XC167CI-16F40F Datasheet(HTML) 53 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
XC167-16
Derivatives
Functional Description
Data Sheet
51
V1.2, 2006-03
Table 7
Summary of the XC167’s Parallel Ports
Port
Control
Alternate Functions
PORT0
Pad drivers
Address/Data lines or data lines1)
1) For multiplexed bus cycles.
PORT1
Pad drivers
Address lines2)
2) For demultiplexed bus cycles.
Capture inputs or compare outputs,
Serial interface lines
Port 2
Pad drivers,
Open drain,
Input threshold
Capture inputs or compare outputs,
Timer control signal,
Fast external interrupt inputs
Port 3
Pad drivers,
Open drain,
Input threshold
Timer control signals, serial interface lines,
Optional bus control signal BHE/WRH,
System clock output CLKOUT (or FOUT)
Port 4
Pad drivers,
Open drain,
Input threshold
Segment address lines3)
3) For more than 64 Kbytes of external resources.
CAN interface lines4)
4) Can be assigned by software.
Port 5
Analog input channels to the A/D converter,
Timer control signals
Port 6
Open drain,
Input threshold
Capture inputs or compare outputs,
Bus arbitration signals BREQ, HLDA, HOLD,
Optional chip select signals
Port 7
Open drain,
Input threshold
Capture inputs or compare outputs,
CAN interface lines4)
Port 9
Pad drivers,
Open drain,
Input threshold
Capture inputs or compare outputs
CAN interface lines4),
IIC bus interface lines4)
Port 20
Pad drivers,
Open drain
Bus control signals RD, WR/WRL, READY, ALE,
External access enable pin EA,
Reset indication output RSTOUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn