Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC164S Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # XC164S
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164S Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button XC164S Datasheet HTML 58Page - Infineon Technologies AG XC164S Datasheet HTML 59Page - Infineon Technologies AG XC164S Datasheet HTML 60Page - Infineon Technologies AG XC164S Datasheet HTML 61Page - Infineon Technologies AG XC164S Datasheet HTML 62Page - Infineon Technologies AG XC164S Datasheet HTML 63Page - Infineon Technologies AG XC164S Datasheet HTML 64Page - Infineon Technologies AG XC164S Datasheet HTML 65Page - Infineon Technologies AG XC164S Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
XC164S
Derivatives
Timing Parameters
Data Sheet
58
V1.0, 2005-01
Bypass Operation
When bypass operation is configured (PLLCTRL = 0x
B) the master clock is derived from
the internal oscillator (input clock signal XTAL1) through the input- and output-
prescalers:
f
MC = fOSC / ((PLLIDIV+1)×(PLLODIV+1)).
If both divider factors are selected as ’1’ (PLLIDIV = PLLODIV = ’0’) the frequency of
f
MC
directly follows the frequency of
f
OSC so the high and low time of fMC is defined by the duty
cycle of the input clock
f
OSC.
The lowest master clock frequency is achieved by selecting the maximum values for both
divider factors:
f
MC = fOSC / ((3+1)×(14+1)) = fOSC / 60.
Phase Locked Loop (PLL)
When PLL operation is configured (PLLCTRL = 11
B) the on-chip phase locked loop is
enabled and provides the master clock. The PLL multiplies the input frequency by the
factor F (
f
MC = fOSC × F) which results from the input divider, the multiplication factor, and
the output divider (F = PLLMUL+1 / (PLLIDIV+1
× PLLODIV+1)). The PLL circuit
synchronizes the master clock to the input clock. This synchronization is done smoothly,
i.e. the master clock frequency does not change abruptly.
Due to this adaptation to the input clock the frequency of
f
MC is constantly adjusted so it
is locked to
f
OSC. The slight variation causes a jitter of fMC which also affects the duration
of individual TCMs.
The timing listed in the AC Characteristics refers to TCPs. Because
f
CPU is derived from
f
MC, the timing must be calculated using the minimum TCP possible under the respective
circumstances.
The actual minimum value for TCP depends on the jitter of the PLL. As the PLL is
constantly adjusting its output frequency so it corresponds to the applied input frequency
(crystal or oscillator) the relative deviation for periods of more than one TCP is lower than
for one single TCP (see formula and Figure 15).
This is especially important for bus cycles using waitstates and e.g. for the operation of
timers, serial interfaces, etc. For all slower operations and longer periods (e.g. pulse train
generation or measurement, lower baudrates, etc.) the deviation caused by the PLL jitter
is negligible.
The value of the accumulated PLL jitter depends on the number of consecutive VCO
output cycles within the respective timeframe. The VCO output clock is divided by the
output prescaler (K = PLLODIV+1) to generate the master clock signal
f
MC. Therefore,
the number of VCO cycles can be represented as K
× N, where N is the number of
consecutive
f
MC cycles (TCM).


Similar Part No. - XC164S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164S-16F INFINEON-XC164S-16F Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164S-16R INFINEON-XC164S-16R Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164S-32F INFINEON-XC164S-32F Datasheet
1Mb / 76P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC164S-8F INFINEON-XC164S-8F Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164S-8R INFINEON-XC164S-8R Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
More results

Similar Description - XC164S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com