Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC164N Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # XC164N
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164N Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button XC164N Datasheet HTML 47Page - Infineon Technologies AG XC164N Datasheet HTML 48Page - Infineon Technologies AG XC164N Datasheet HTML 49Page - Infineon Technologies AG XC164N Datasheet HTML 50Page - Infineon Technologies AG XC164N Datasheet HTML 51Page - Infineon Technologies AG XC164N Datasheet HTML 52Page - Infineon Technologies AG XC164N Datasheet HTML 53Page - Infineon Technologies AG XC164N Datasheet HTML 54Page - Infineon Technologies AG XC164N Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
XC164N
Derivatives
Electrical Parameters
Data Sheet
46
V1.0, 2005-01
4.5
DC Parameters
DC Characteristics
(Operating Conditions apply)
1)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Input low voltage TTL
(all except XTAL1)
V
IL
SR -0.5
0.2
×V
DDP
- 0.1
V–
Input low voltage XTAL1
V
ILC
SR -0.5
0.3
×V
DDI
V–
Input low voltage
(Special Threshold)
V
ILS
SR -0.5
0.45
× V
DDP
V
2)
Input high voltage TTL
(all except XTAL1)
V
IH
SR 0.2
×V
DDP
+ 0.9
V
DDP
+ 0.5
V–
Input high voltage XTAL1
V
IHC
SR 0.7
× V
DDI
V
DDI
+ 0.5
V–
Input high voltage
(Special Threshold)
V
IHS
SR 0.8
×V
DDP
- 0.2
V
DDP
+ 0.5
V
2)
Input Hysteresis
(Special Threshold)
HYS
0.04
× V
DDP
–V
V
DDP in [V],
Series resis-
tance = 0
Ω2)
Output low voltage
V
OL
CC –
1.0
V
I
OL IOLmax
3)
–0.45
V
I
OL IOLnom
3) 4)
Output high voltage
5)
V
OH
CC
V
DDP
- 1.0
–V
I
OH IOHmax
3)
V
DDP
- 0.45
–V
I
OH IOHnom
3) 4)
Input leakage current
(Port 5)
6)
I
OZ1
CC –
±300
nA
0 V <
V
IN < VDDP,
T
A ≤ 125 °C
±200
nA
0 V <
V
IN < VDDP,
T
A ≤ 85 °C
12)
Input leakage current
(all other)
6)
I
OZ2
CC –
±500
nA
0.45 V <
V
IN <
V
DDP
Configuration pull-up current
7)
I
CPUH
8)
–-10
µA
V
IN = VIHmin
I
CPUL
9)
-100
µA
V
IN = VILmax


Similar Part No. - XC164N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164N-16F INFINEON-XC164N-16F Datasheet
1Mb / 73P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164N-16R INFINEON-XC164N-16R Datasheet
1Mb / 73P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC164N-32R INFINEON-XC164N-32R Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC164N-8F INFINEON-XC164N-8F Datasheet
1Mb / 73P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
More results

Similar Description - XC164N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com