Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC164N Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # XC164N
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164N Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button XC164N Datasheet HTML 23Page - Infineon Technologies AG XC164N Datasheet HTML 24Page - Infineon Technologies AG XC164N Datasheet HTML 25Page - Infineon Technologies AG XC164N Datasheet HTML 26Page - Infineon Technologies AG XC164N Datasheet HTML 27Page - Infineon Technologies AG XC164N Datasheet HTML 28Page - Infineon Technologies AG XC164N Datasheet HTML 29Page - Infineon Technologies AG XC164N Datasheet HTML 30Page - Infineon Technologies AG XC164N Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
XC164N
Derivatives
Functional Description
Data Sheet
22
V1.0, 2005-01
CAPCOM Register 30
CC2_CC30IC
xx’0114
H
45
H / 69D
CAPCOM Register 31
CC2_CC31IC
xx’0118
H
46
H / 70D
CAPCOM Timer 0
CC1_T0IC
xx’0080
H
20
H / 32D
CAPCOM Timer 1
CC1_T1IC
xx’0084
H
21
H / 33D
CAPCOM Timer 7
CC2_T7IC
xx’00F4
H
3D
H / 61D
CAPCOM Timer 8
CC2_T8IC
xx’00F8
H
3E
H / 62D
GPT1 Timer 2
GPT12E_T2IC
xx’0088
H
22
H / 34D
GPT1 Timer 3
GPT12E_T3IC
xx’008C
H
23
H / 35D
GPT1 Timer 4
GPT12E_T4IC
xx’0090
H
24
H / 36D
GPT2 Timer 5
GPT12E_T5IC
xx’0094
H
25
H / 37D
GPT2 Timer 6
GPT12E_T6IC
xx’0098
H
26
H / 38D
GPT2 CAPREL Reg.
GPT12E_CRIC
xx’009C
H
27
H / 39D
Unassigned node
---
xx’00A0
H
28
H / 40D
Unassigned node
---
xx’00A4
H
29
H / 41D
ASC0 Transmit
ASC0_TIC
xx’00A8
H
2A
H / 42D
ASC0 Transmit Buffer
ASC0_TBIC
xx’011C
H
47
H / 71D
ASC0 Receive
ASC0_RIC
xx’00AC
H
2B
H / 43D
ASC0 Error
ASC0_EIC
xx’00B0
H
2C
H / 44D
ASC0 Autobaud
ASC0_ABIC
xx’017C
H
5F
H / 95D
SSC0 Transmit
SSC0_TIC
xx’00B4
H
2D
H / 45D
SSC0 Receive
SSC0_RIC
xx’00B8
H
2E
H / 46D
SSC0 Error
SSC0_EIC
xx’00BC
H
2F
H / 47D
PLL/OWD
PLLIC
xx’010C
H
43
H / 67D
ASC1 Transmit
2)
ASC1_TIC
xx’0120
H
48
H / 72D
ASC1 Transmit Buffer
ASC1_TBIC
xx’0178
H
5E
H / 94D
ASC1 Receive
ASC1_RIC
xx’0124
H
49
H / 73D
ASC1 Error
ASC1_EIC
xx’0128
H
4A
H / 74D
ASC1 Autobaud
ASC1_ABIC
xx’0108
H
42
H / 66D
End of PEC Subch.
EOPIC
xx’0130
H
4C
H / 76D
CAPCOM6 Timer T12
CCU6_T12IC
xx’0134
H
4D
H / 77D
Table 4
XC164N Interrupt Nodes (cont’d)
Source of Interrupt or PEC
Service Request
Control
Register
Vector
Location
1)
Trap
Number


Similar Part No. - XC164N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164N-16F INFINEON-XC164N-16F Datasheet
1Mb / 73P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164N-16R INFINEON-XC164N-16R Datasheet
1Mb / 73P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC164N-32R INFINEON-XC164N-32R Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC164N-8F INFINEON-XC164N-8F Datasheet
1Mb / 73P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
More results

Similar Description - XC164N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com