Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC164D Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # XC164D
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164D Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button XC164D Datasheet HTML 53Page - Infineon Technologies AG XC164D Datasheet HTML 54Page - Infineon Technologies AG XC164D Datasheet HTML 55Page - Infineon Technologies AG XC164D Datasheet HTML 56Page - Infineon Technologies AG XC164D Datasheet HTML 57Page - Infineon Technologies AG XC164D Datasheet HTML 58Page - Infineon Technologies AG XC164D Datasheet HTML 59Page - Infineon Technologies AG XC164D Datasheet HTML 60Page - Infineon Technologies AG XC164D Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
XC164D
Derivatives
Electrical Parameters
Data Sheet
52
V1.0, 2005-01
Figure 12
Sleep and Power Down Supply Current due to RTC and Oscillator
running, as a Function of Oscillator Frequency
Figure 13
Sleep and Power Down Leakage Supply Current as a Function of
Temperature
I [mA]
f
OSC [MHz]
4
8
12
16
I
PDMmax
I
PDMtyp
1.0
2.0
3.0
I
PDAmax
0.1
32 kHz
[mA]
T
J [°C]
0
50
100
150
I
PDO
0.5
1.0
1.5
-50


Similar Part No. - XC164D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D-16F INFINEON-XC164D-16F Datasheet
1Mb / 76P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results

Similar Description - XC164D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com