Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC164CS-16F Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # XC164CS-16F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS-16F Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button XC164CS-16F Datasheet HTML 57Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 58Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 59Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 60Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 61Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 62Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 63Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 64Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
XC164-16
Derivatives
Electrical Parameters
Data Sheet
59
V2.2, 2006-03
4.3
Analog/Digital Converter Parameters
Table 14
A/D Converter Characteristics (Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test
Condition
Min.
Max.
Analog reference supply
V
AREF
SR 4.5
V
DDP
+ 0.1
V
1)
1) TUE is tested at
VAREF = VDDP + 0.1 V, VAGND = 0 V. It is verified by design for all other voltages within the
defined voltage range.
If the analog reference supply voltage drops below 4.5 V (i.e.
VAREF ≥ 4.0 V) or exceeds the power supply
voltage by up to 0.2 V (i.e.
VAREF = VDDP + 0.2 V) the maximum TUE is increased to ±3 LSB. This range is not
subject to production test.
The specified TUE is guaranteed only, if the absolute sum of input overload currents on Port 5 pins (see
IOV
specification) does not exceed 10 mA, and if
VAREF and VAGND remain stable during the respective period of
time. During the reset calibration sequence the maximum TUE may be
±4 LSB.
Analog reference ground
V
AGND
SR
V
SS - 0.1
V
SS + 0.1
V
Analog input voltage range
V
AIN
SR
V
AGND
V
AREF
V
2)
2)
VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in these
cases will be X000H or X3FFH, respectively.
Basic clock frequency
f
BC
0.5
20
MHz 3)
Conversion time for 10-bit
result4)
t
C10P
CC 52
× t
BC + tS + 6 × tSYS
Post-calibr. on
t
C10
CC 40
× t
BC + tS + 6 × tSYS
Post-calibr. off
Conversion time for 8-bit
result4)
t
C8P
CC 44
× t
BC + tS + 6 × tSYS
Post-calibr. on
t
C8
CC 32
× t
BC + tS + 6 × tSYS
Post-calibr. off
Calibration time after reset
t
CAL
CC 484
11,696
t
BC
5)
Total unadjusted error
TUE
CC –
±2LSB 1)
Total capacitance
of an analog input
C
AINT
CC –
15
pF
6)
Switched capacitance
of an analog input
C
AINS
CC –
10
pF
6)
Resistance of
the analog input path
R
AIN
CC –
2
k
6)
Total capacitance
of the reference input
C
AREFT
CC –
20
pF
6)
Switched capacitance
of the reference input
C
AREFS
CC –
15
pF
6)
Resistance of
the reference input path
R
AREF
CC –
1
k
6)


Similar Part No. - XC164CS-16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164CS-16F INFINEON-XC164CS-16F Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.3, Aug. 2006
XC164CS-16FF INFINEON-XC164CS-16FF Datasheet
696Kb / 14P
   16-Bi t Single-Chip Microcontroller
2004-03 V1.0D3
XC164CS-16F INFINEON-XC164CS-16F_06 Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.3, Aug. 2006
More results

Similar Description - XC164CS-16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com