Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC164CS-16F Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # XC164CS-16F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS-16F Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button XC164CS-16F Datasheet HTML 53Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 54Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 55Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 56Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 57Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 58Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 59Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 60Page - Infineon Technologies AG XC164CS-16F Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
XC164-16
Derivatives
Electrical Parameters
Data Sheet
55
V2.2, 2006-03
Level inactive hold
current12)
I
LHI
9)
–-10
µA
V
OUT = 0.5 ×
V
DDP
Level active hold
current12)
I
LHA
10)
-100
µA
V
OUT = 0.45 V
XTAL1 input current
I
IL
CC –
±20
µA0 V < V
IN < VDDI
Pin capacitance13)
(digital inputs/outputs)
C
IO
CC –
10
pF
1) Keeping signal levels within the limits specified in this table, ensures operation without overload conditions.
For signal levels outside these specifications, also refer to the specification of the overload current
IOV.
2) This parameter is tested for P3, P4, P9.
3) The maximum deliverable output current of a port driver depends on the selected output driver mode, see
Table 12, Current Limits for Port Output Drivers. The limit for pin groups must be respected.
4) As a rule, with decreasing output current the output levels approach the respective supply level (
VOL VSS,
VOH VDDP). However, only the levels for nominal output currents are guaranteed.
5) This specification is not valid for outputs which are switched to open drain mode. In this case the respective
output will float and the voltage results from the external circuitry.
6) An additional error current (
IINJ) will flow if an overload current flows through an adjacent pin. Please refer to
the definition of the overload coupling factor
KOV.
7) The driver of P3.15 is designed for faster switching, because this pin can deliver the reference clock for the
bus interface (CLKOUT). The maximum leakage current for P3.15 is, therefore, increased to 1
µA.
8) This specification is valid during Reset for configuration on RD, WR, EA, PORT0
9) The maximum current may be drawn while the respective signal line remains inactive.
10) The minimum current must be drawn to drive the respective signal line active.
11) This specification is valid during Reset for configuration on ALE.
12) This specification is valid during Reset for pins P4.3-0, which can act as CS outputs, and for P3.12.
13) Not subject to production test - verified by design/characterization.
Table 12
Current Limits for Port Output Drivers
Port Output Driver
Mode
Maximum Output Current
(
I
OLmax, -IOHmax)
1)
1) An output current above |
IOXnom| may be drawn from up to three pins at the same time.
For any group of 16 neighboring port output pins the total output current in each direction (
ΣI
OL and Σ-IOH) must
remain below 50 mA.
Nominal Output Current
(
I
OLnom, -IOHnom)
Strong driver
10 mA
2.5 mA
Medium driver
4.0 mA
1.0 mA
Weak driver
0.5 mA
0.1 mA
Table 11
DC Characteristics (Operating Conditions apply)1) (cont’d)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Max.


Similar Part No. - XC164CS-16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164CS-16F INFINEON-XC164CS-16F Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.3, Aug. 2006
XC164CS-16FF INFINEON-XC164CS-16FF Datasheet
696Kb / 14P
   16-Bi t Single-Chip Microcontroller
2004-03 V1.0D3
XC164CS-16F INFINEON-XC164CS-16F_06 Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.3, Aug. 2006
More results

Similar Description - XC164CS-16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com