Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLE4418G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part No. TLE4418G
Description  Triple Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

TLE4418G Datasheet(HTML) 7 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TLE 4418 G
Target Data Sheet Rev. 0.1
7
2001-12-10
Application Information
The output capacitors C
Q2, CQ3 and CQ8 are required with a capacitance of CQ2/3/8³2.2 µF
and an ESR
£ 4 W in order to maintain the stability of the regulation loop under all
operating conditions
. The output capacitors should be placed nearby the corresponding
output voltage pin. For the Inputs V
CC and VDD a ceramic capacitor in the range of
100 nF... 470 nF connected to GND close to the pins is needed in order compensate line
influences.
Supply Voltage
Current Consumption
I
CC
1.75
2.6
mA
I
Q2=IQ3=IQ8=100µA
Current Consumption
I
DD
1.80
3.0
mA
I
Q2=IQ3=IQ8=100µA
1)
measured where the output voltage has dropped 1% below its nominal value
Electrical Characteristics (cont’d)
V
CC=5.0V; VDD=12.0V; 0 °C< Tj <125 °C; unless otherwise specified; all voltages with
respect to ground; positive current defined flowing into pin
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn