Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

COIC5130A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part No. COIC5130A
Description  Programmable Reed-Solomon Error Correction Encoder and Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

COIC5130A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1
NC
N/A
No Connection
2
DEC_MAG0
Decoder
Error Magnitude 0. This output indicates which bit of the current symbol
output on Q7-Q0 has been corrected when LOC is HIGH. This output is
indeterminate and should be ignored when LOC is low.
TTL Output
3
NC
N/A
No Connection
4
DEC_MAG1
Decoder
Error Magnitude 1. This output indicates which bit of the current symbol
output on Q7-Q0 has been corrected when LOC is HIGH. This output is
indeterminate and should be ignored when LOC is low.
TTL Output
5
NC
N/A
No Connection
6
DEC_MAG2
Decoder
Error Magnitude 2. This output indicates which bit of the current symbol
output on Q7-Q0 has been corrected when LOC is HIGH. This output is
indeterminate and should be ignored when LOC is low.
TTL Output
7
DEC_DOUT6
Decoder
Data output bit 6. Bit 7 is MSB.
Output
8Vdd
N/A
+5 Volt Power
Power
9
DEC_DOUT5
Decoder
Data output bit 5. Bit 7 is MSB.
Output
10
NC
N/A
No Connection
11
GND
N/A
Ground
Power
12
NC
N/A
No Connection
13
DEC_DOUT4
Decoder
Data output bit 4. Bit 7 is MSB.
Output
14
NC
N/A
No Connection
15
DEC_DOUT3
Decoder
Data output bit 3. Bit 7 is MSB.
Output
16
NC
N/A
No Connection
17
Vdd
N/A
+5 Volt Power
Power
18
DEC_DOUT2
Decoder
Data output bit 2. Bit 7 is MSB.
Output
19
DEC_DOUT1
Decoder
Data output bit 1. Bit 7 is MSB.
Output
20
GND
N/A
Ground
Power
21
NC
N/A
No Connection
COic5130A Specifications
Co Optic
~
~
9
Table 1: Device Pinout
Pinout
Pin#
Signal Name
Encoder /
Description
Decoder
Signal Type


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn