Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

COIC5130A Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part No. COIC5130A
Description  Programmable Reed-Solomon Error Correction Encoder and Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

COIC5130A Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
COic5130A Specifications
Co Optic
~
~
19
Packaging
Table 6: PLCC Dimensions
E3
E1
E
Index Corner
Pin 1
b
e
D3
D1
D
C
θ = 0° – 7°
A
A1
L
A2
0.1
G
Notes:
1. Pin 1 indicator may be a corner chamfer, dot or both.
2. Controlling dimensions are in millimeters.
3. The top package body size may be smaller than the bottom package
body size by a max. of 0.15 mm.
4. Dimension D1 and E1 do not include mold protrusion. Allowable pro-
trusion is 0.25mm per side. D1 and E1 are maximum plastic body size
dimensions including mold mismatch.
5. Dimension b does not include dambar protrusion. Allowable dambar
protrusion shall not cause the lead width to exceed the maximum b
dimension by more than 0.08 mm.
6. Coplanarity, measured at seating plane G, to be 0.10 mm max.
Part Numbers: Complete ordering code COic5130A
Parts are packaged in anti static tubes of 18 units each.
To order call 650-321-3390, fax 650-322-8569,
or email sales@co-optic.com
A
A1
A2
D
D1
D3
E
E1
E3
L
e
b
c
N
ND
NE
Note
128
32
32
Square
Control Dimensions
in millimeters
Symbol
Alternate Dimensions
in inches
Min
Nominal
Max
Min
Nominal
Max
3.45
0.25
3.20
30.95
27.80
30.95
27.80
0.73
0.30
0.11
4.10
0.50
3.60
31.45
28.20
31.45
28.20
1.03
0.45
0.23
0.136
0.010
0.126
1.219
1.094
1.219
1.094
0.029
0.012
0.004
0.161
0.020
0.142
1.238
1.110
1.238
1.110
0.041
0.018
0.009
24.80 Ref.
24.80 Ref.
0.976 Ref.
0.976 Ref.
0.031 BSC.
0.80 BSC.
Pin Features


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn