Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

COIC5130A Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part No. COIC5130A
Description  Programmable Reed-Solomon Error Correction Encoder and Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

COIC5130A Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
8Vdd
+5 V Power
17
Vdd
+5 V Power
35
Vdd
+5 V Power
43
Vdd
+5 V Power
49
Vdd
+5 V Power
52
Vdd
+5 V Power
57
Vdd
+5 V Power
66
Vdd
+5 V Power
74
Vdd
+5 V Power
84
Vdd
+5 V Power
89
Vdd
+5 V Power
101
Vdd
+5 V Power
104
Vdd
+5 V Power
114
Vdd
+5 V Power
124
Vdd
+5 V Power
128
Vdd
+5 V Power
COic5130A Specifications
Co Optic
~
~
19
Encoder and Decoder Foundry Test Pins
Pin#
Signal
Description
Signal Type
115
DEC_TEST_SE
Foundry Test Pin - Do not Use
Input
51
DEC_TEST_SI
Foundry Test Pin - Do not Use
Input
108
DEC_TEST_SO
Foundry Test Pin - Do not Use
Output
36
ENC_TEST_SE
Foundry Test Pin - Do not Use
Input
45
ENC_TEST_SI
Foundry Test Pin - Do not Use
Input
116
ENC_TEST_SO
Foundry Test Pin - Do not Use
Output
Ground Pins
Pin#
Signal
Description
11
GND
Ground
20
GND
Ground
23
GND
Ground
37
GND
Ground
38
GND
Ground
47
GND
Ground
55
GND
Ground
58
GND
Ground
69
GND
Ground
78
GND
Ground
106
GND
Ground
109
GND
Ground
112
GND
Ground
118
GND
Ground
126
GND
Ground
Votlage Supply Pins
Pin#
Signal
Description
No Connect Pins
Pin#
Signal
Description
1
NC
No Connection
3
NC
No Connection
5
NC
No Connection
10
NC
No Connection
12
NC
No Connection
14
NC
No Connection
16
NC
No Connection
21
NC
No Connection
26
NC
No Connection
28
NC
No Connection
29
NC
No Connection
31
NC
No Connection
32
NC
No Connection
33
NC
No Connection
34
NC
No Connection
No Connect Pins, continued
Pin#
Signal
Description
41
NC
No Connection
62
NC
No Connection
64
NC
No Connection
96
NC
No Connection
98
NC
No Connection
100
NC
No Connection
107
NC
No Connection
121
NC
No Connection
125
NC
No Connection
127
NC
No Connection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn