Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

COIC5130A Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part No. COIC5130A
Description  Programmable Reed-Solomon Error Correction Encoder and Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

COIC5130A Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
COic5130A Specifications
Co Optic
~
~
18
Encoder Data Output Pins
Pin#
Signal
Description
Signal Type
111
ENC_DOUT0
Encoder data output bit 0
Tristate
105
ENC_DOUT1
Encoder data output bit 1
Tristate
97
ENC_DOUT2
Encoder data output bit 2
Tristate
93
ENC_DOUT3
Encoder data output bit 3
Tristate
60
ENC_DOUT4
Encoder data output bit 4
Tristate
68
ENC_DOUT5
Encoder data output bit 5
Tristate
48
ENC_DOUT6
Encoder data output bit 6
Tristate
56
ENC_DOUT7
Encoder data output bit 7
Tristate
Encoder Control and Status Pins
Pin#
Signal
Description
Signal Type
79
ENC_TRIEN
Tri-states the encoder ENC_DOUT bus drivers when HIGH
Input
75
ENC_ENIN
Enable encoder DIN bus into the parity generator
Input
73
ENC_ENOUT
Enables encoder DIN bus onto the DOUT bus
Input
71
ENC_RDY
Indicates data symbols are on the encoder ENC_DOUT bus
Output
77
ENC_RESET
Initializes encoder into a know state (high)
Input
82
ENC_CLOCK
Encoder master and symbol clock.
Input
Encoder T Select Pins
Pin#
Signal
Description
Signal Type
87
ENC_TA0
Bit 0 of the encoder T select bus
Input
85
ENC_TA1
Bit 1 of the encoder T select bus
Input
83
ENC_TA2
Bit 2 of the encoder T select bus
Input
94
ENC_TA3
Bit 3 of the encoder T select bus
Input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn