Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

COIC5130A Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part No. COIC5130A
Description  Programmable Reed-Solomon Error Correction Encoder and Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

COIC5130A Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
COic5130A Specifications
Co Optic
~
~
Decoder Error Magnitude Pins, continued
Pin#
Signal
Description
Signal Type
6
DEC_MAG2
Error Magnitude 2. This output indicates which bit of the current symbol output on Q7-Q0 has been
corrected when LOC is HIGH. This output is indeterminate and should be ignored when LOC is low.
Output
25
DEC_MAG3
Error Magnitude 3. This output indicates which bit of the current symbol output on Q7-Q0 has been
corrected when LOC is HIGH. This output is indeterminate and should be ignored when LOC is low.
Output
27
DEC_MAG4
Error Magnitude 4. This output indicates which bit of the current symbol output on Q7-Q0 has been
corrected when LOC is HIGH. This output is indeterminate and should be ignored when LOC is low.
Output
30
DEC_MAG5
Error Magnitude 5. This output indicates which bit of the current symbol output on Q7-Q0 has been
corrected when LOC is HIGH. This output is indeterminate and should be ignored when LOC is low.
Output
39
DEC_MAG6
Error Magnitude 6. This output indicates which bit of the current symbol output on Q7-Q0 has been
corrected when LOC is HIGH. This output is indeterminate and should be ignored when LOC is low.
Output
42
DEC_MAG7
Error Magnitude 7. This output indicates which bit of the current symbol output on Q7-Q0 has been
corrected when LOC is HIGH. This output is indeterminate and should be ignored when LOC is low.
Output
90
DEC_P1
Decoder parity input bit 1. This determines the value of (P) which is the maximum of check bytes
that the device will use in correction before flagging the block as uncorrectable. Normally set to the
# of check bytes (R). P4 is the most significant bits.
Input
88
DEC_P2
Decoder parity input bit 2. This determines the value of (P) which is the maximum of check bytes
that the device will use in correction before flagging the block as uncorrectable. Normally set to the #
of check bytes (R). P4 is the most significant bits.
Input
86
DEC_P3
Decoder parity input bit 3. This determines the value of (P) which is the maximum of check bytes
that the device will use in correction before flagging the block as uncorrectable. Normally set to the
# of check bytes (R). P4 is the most significant bits.
Input
92
DEC_P4
Decoder parity input bit 4. This determines the value of (P) which is the maximum of check bytes
that the device will use in correction before flagging the block as uncorrectable. Normally set to the #
of check bytes (R). P4 is the most significant bits.
Input
Decoder Parity Input Pins
Pin#
Signal
Description
Signal Type
Decoder Latency Select Pins
Pin#
Signal
Description
Signal Type
110
DEC_SHORT1
Decoder latency select 1. Selects latency according to Table 2: Latency and Minimum Block
Size Selection.
Input
95
DEC_SHORT2
Decoder latency select 2. Selects latency according to Table 2: Latency and Minimum Block
Size Selection.
Input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn