Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

COIC5130A Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part No. COIC5130A
Description  Programmable Reed-Solomon Error Correction Encoder and Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

COIC5130A Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
COic5130A Specifications
Co Optic
~
~
Decoder Input Pins
Pin#
Signal
Description
Signal Type
76
DEC_DIN0
Decoder symbol input bit 0. Bit 7 is MSB.
Input
72
DEC_DIN1
Decoder symbol input bit 1. Bit 7 is MSB.
Input
70
DEC_DIN2
Decoder symbol input bit 2. Bit 7 is MSB.
Input
61
DEC_DIN3
Decoder symbol input bit 3. Bit 7 is MSB.
Input
59
DEC_DIN4
Decoder symbol input bit 4. Bit 7 is MSB.
Input
53
DEC_DIN5
Decoder symbol input bit 5. Bit 7 is MSB.
Input
46
DEC_DIN6
Decoder symbol input bit 6. Bit 7 is MSB.
Input
44
DEC_DIN7
Decoder symbol input bit 7. Bit 7 is MSB.
Input
Pinout
Decoder Output Pins
Pin#
Signal
Description
Signal Type
22
DEC_DOUT0
Data output bit 0. Bit 7 is MSB.
Output
19
DEC_DOUT1
Data output bit 1. Bit 7 is MSB.
Output
18
DEC_DOUT2
Data output bit 2. Bit 7 is MSB.
Output
15
DEC_DOUT3
Data output bit 3. Bit 7 is MSB.
Output
13
DEC_DOUT4
Data output bit 4. Bit 7 is MSB.
Output
9
DEC_DOUT5
Data output bit 5. Bit 7 is MSB.
Output
7
DEC_DOUT6
Data output bit 6. Bit 7 is MSB.
Output
122
DEC_DOUT7
Data output bit 7. Bit 7 is MSB.
Output
Decoder Error Magnitude Pins
Pin#
Signal
Description
Signal Type
2
DEC_MAG0
Error Magnitude 0. This output indicates which bit of the current symbol output on Q7-Q0 has been
corrected when LOC is HIGH. This output is indeterminate and should be ignored when LOC is low.
Output
4
DEC_MAG1
Error Magnitude 1. This output indicates which bit of the current symbol output on Q7-Q0 has been
corrected when LOC is HIGH. This output is indeterminate and should be ignored when LOC is low.
Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn