Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

COIC5130A Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part No. COIC5130A
Description  Programmable Reed-Solomon Error Correction Encoder and Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

COIC5130A Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Table 1: Device Pinout, continued
COic5130A Specifications
Co Optic
~
~
12
Pin#
Signal Name
Encoder /
Description
Decoder
Signal Type
64
NC
N/A
No Connection
65
DEC_UNCORR
Decoder
Decoder uncorrectable block. Assertive HIGH. Indicates message block contains
uncorrectable errors.
Output
66
Vdd
N/A
+5 Volt Power
Power
67
ENC_DIN5
Encoder
Encoder data input bit 5
Input
68
ENC_DOUT5
Encoder
Encoder data output bit 5
Tristate
69
GND
N/A
Ground
Power
70
DEC_DIN2
Decoder
Decoder symbol input bit 2. Bit 7 is MSB.
Input
71
ENC_RDY
Encoder
Indicates data symbols are on the encoder ENC_DOUT bus
Output
72
DEC_DIN1
Decoder
Decoder symbol input bit 1. Bit 7 is MSB.
Input
73
ENC_ENOUT
Encoder
Enables encoder DIN bus onto the DOUT bus
Input
74
Vdd
N/A
+5 Volt
Power
75
ENC_ENIN
Encoder
Enable encoder DIN bus into the parity generator
Input
76
DEC_DIN0
Decoder
Decoder symbol input bit 0. Bit 7 is MSB.
Input
77
ENC_RESET
Encoder
Initializes encoder into a know state (high)
Input
78
GND
N/A
Ground
Power
79
ENC_TRIEN
Encoder
Tri-states the encoder ENC_DOUT bus drivers when HIGH
Input
80
DEC_DATEN
Decoder
Decoder data enable. Assertive HIGH. This input is used to signal the difference
between data bytes and check bytes.
Input
81
DEC_ENABIN
Decoder
"Decoder enable data correction. Assertive HIGH. When this input is asserted, the
device performs corrections on the message block. When CEN is low, the device does
not perform corrections but continues to report status is initialized to do so."
Input
82
ENC_CLOCK
Encoder
Encoder master and symbol clock.
Input
83
ENC_TA2
Encoder
Bit 2 of the encoder T select bus
Input
84
Vdd
N/A
+5 Volt Power
Power
85
ENC_TA1
Encoder
Bit 1 of the encoder T select bus
Input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn