Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

COIC5130A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. COIC5130A
Description  Programmable Reed-Solomon Error Correction Encoder and Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

COIC5130A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Table 1: Device Pinout, continued
COic5130A Specifications
Co Optic
~
~
11
Pin#
Signal Name
Encoder /
Description
Decoder
Signal Type
41
NC
N/A
No Connection
42
DEC_MAG7
Decoder
Error Magnitude 7. This output indicates which bit of the current symbol output on
Q7-Q0 has been corrected when LOC is HIGH. This output is indeterminate and
should be ignored when LOC is low.
TTL Output
43
Vdd
N/A
+5 Volt Power
Power
44
DEC_DIN7
Decoder
Decoder symbol input bit 7. Bit 7 is MSB.
Input
45
ENC_TEST_SI
Encoder
Foundry Test Pin - Do not Use
46
DEC_DIN6
Decoder
Decoder symbol input bit 6. Bit 7 is MSB.
Input
47
GND
N/A
Ground
Power
48
ENC_DOUT6
Encoder
Encoder data output bit 6
Tristate
49
Vdd
N/A
+5 Volt Power
Power
50
ENC_DIN6
Encoder
Encoder data input bit 6
Input
51
DEC_TEST_SI
Decoder
Foundry Test Pin - Do not Use
52
Vdd
N/A
+5 Volt Power
Power
53
DEC_DIN5
Decoder
Decoder symbol input bit 5. Bit 7 is MSB.
Input
54
ENC_DIN7
Decoder
Encoder data input bit 7
Input
55
GND
N/A
Ground
Power
56
ENC_DOUT7
Encoder
Encoder data output bit 7
Tristate
57
Vdd
N/A
+5 Volt Power
Power
58
GND
N/A
Ground
59
DEC_DIN4
Decoder
Decoder symbol input bit 4. Bit 7 is MSB.
Input
60
ENC_DOUT4
Encoder
Encoder data output bit 4
Tristate
61
DEC_DIN3
Decoder
Decoder symbol input bit 3. Bit 7 is MSB.
Input
62
NC
N/A
No Connection
63
ENC_DIN4
Encoder
Encoder data input bit 4
Input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn