Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIGC12T120L Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SIGC12T120L
Description  IGBT3 Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIGC12T120L Datasheet(HTML) 2 Page - Infineon Technologies AG

  SIGC12T120L Datasheet HTML 1Page - Infineon Technologies AG SIGC12T120L Datasheet HTML 2Page - Infineon Technologies AG SIGC12T120L Datasheet HTML 3Page - Infineon Technologies AG SIGC12T120L Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIGC12T120L
Edited by INFINEON Technologies AI PS DD HV3, L7621B, Edition 2, 04.09.03
MAXIMUM RATINGS:
Parameter
Symbol
Value
Unit
Collector-emitter voltage, Tj=25 °C
V CE
1200
V
DC collector current, limited by Tjmax
I C
1 )
A
Pulsed collector current, tp limited by Tjmax
I cpuls
24
A
Gate emitter voltage
V GE
±20
V
Operating junction and storage temperature
Tj, Tstg
-55 ... +150
°C
1 ) depending on thermal properties of assembly
STATIC CHARACTERISTICS (tested on chip), Tj=25 °C, unless otherwise specified:
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Collector-emitter breakdown voltage
V(BR)CES
VGE=0V , IC= 0.5mA
1200
Collector-emitter saturation voltage
VCE(sat)
VGE=15V, IC=8A
1.35
1.65
2.05
Gate-emitter threshold voltage
VGE(th)
IC=300µA , VGE=VCE
5.0
5.8
6.5
V
Zero gate voltage collector current
ICES
VCE=1200V , VGE=0V
1.07
µA
Gate-emitter leakage current
IGES
VCE=0V , VGE=20V
120
nA
Integrated gate resistor
RGint
--
ELECTRICAL CHARACTERISTICS (tested at component):
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Input capacitance
Ciss
605
Output capacitance
Coss
37
Reverse transfer capacitance
Crss
V CE=25V,
V GE=0V,
f =1MHz
29
pF
SWITCHING CHARACTERISTICS (tested at component), Inductive Load
Value
Parameter
Symbol
Conditions
1)
min.
typ.
max.
Unit
Turn-on delay time
t d(on)
0.05
Rise time
t r
0.025
Turn-off delay time
t d(off)
0.35
Fall time
t f
Tj=125 ° C
V CC =600V,
I C =8A,
V GE= - 15/15V,
RG= 82Ω
0.15
µs
1) values also influenced by parasitic L- and C- in measurement and package.


Similar Part No. - SIGC12T120L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC12T120LE INFINEON-SIGC12T120LE Datasheet
178Kb / 5P
   positive temperature coefficient
Rev 1.0, 27.06.2014
More results

Similar Description - SIGC12T120L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC06T60G INFINEON-SIGC06T60G Datasheet
75Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
SIGC32T120R3L INFINEON-SIGC32T120R3L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC15T60 INFINEON-SIGC15T60 Datasheet
76Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
SIGC42T170R3G INFINEON-SIGC42T170R3G Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 1, 08.01.04
SIGC158T120R3 INFINEON-SIGC158T120R3 Datasheet
81Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.2003
SIGC186T170R3 INFINEON-SIGC186T170R3 Datasheet
70Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC08T60 INFINEON-SIGC08T60 Datasheet
76Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
SIGC57T120R3L INFINEON-SIGC57T120R3L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC68T170R3 INFINEON-SIGC68T170R3 Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC76T60R3 INFINEON-SIGC76T60R3 Datasheet
83Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com