Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT162731 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVT162731
Description  2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162731 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT162731 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 9Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 10Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 11Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT162731
2.5V/3.3V 1-to-4 address register/driver with 30
termination resistors (3-State)
1999 Mar 23
8
AC SETUP REQUIREMENTS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ±0.2V
UNIT
MIN
TYP1
ts(H)
ts(L)
Setup time, High or Low
nYx to CLK
4
2.4
2.3
1.4
0.9
ns
th(H)
th(L)
Hold time, High or Low
nYx to CLK
4
0
0
–0.7
–1.0
ns
tw(H)
tw(L)
Pulse width, High or Low
CLK
3
1.5
1.5
ns
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
AC WAVEFORMS
NOTES:
1. VM = 1.5V at VCC w 3.0V, VM = VCC/2 at VCC v 2.7V
2. VX = VOL + 0.3V at VCC w 3.0V, VX = VOL + 0.150V at VCC v 2.7V
3. VY = VOH – 0.3V at VCC w 3.0V, VY = VOH – 0.150V at VCC v 2.7V
VOL
tPLH
VOH
0V
tPHL
3.0V or VCC,
whichever is
less
SW00276
SEL
nAx
nYx
Waveform 1.
Input (Ax) to Output (nYx) Propagation Delay,
transparent mode. SEL to OUtput (nYx) Propagation Delay
nOE
INPUT
VM
VM
tPZH
tPHZ
nYx
OUTPUT
VOH
VM
VM
nYx
OUTPUT
VOL
tPZL
tPLZ
0V
VX
VY
3.0V or VCC
whichever is
less
0V
SW00204
Waveform 2. 3-State Output Enable and Disable Times
tPHL
tPLH
VOH
tW(L)
1/fMAX
CLK
nYx
tW(H)
VOL
3.0V or VCC,
whichever is
less
0V
SW00277
Waveform 3. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
0V
Ax
CLK
tS(H)
th(H)
tS(L)
th(L)
0V
3.0V or VCC,
whichever is
less
3.0V or VCC,
whichever is
less
SW00278
Waveform 4. Data setup and hold times


Similar Part No. - 74ALVT162731

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT162731

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
   2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
74ALVT16731 PHILIPS-74ALVT16731 Datasheet
87Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver 3-State
1999 Mar 23
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16344 PHILIPS-74ALVT16344 Datasheet
88Kb / 12P
   2.5V/3.3V 1-to-4 address driver 3-State
1998 Jun 30
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
logo
Texas Instruments
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com