Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIDC10D120H6 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. SIDC10D120H6
Description  Fast switching diode chip in EMCON-Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC10D120H6 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SIDC10D120H6 Datasheet HTML 1Page - Infineon Technologies AG SIDC10D120H6 Datasheet HTML 2Page - Infineon Technologies AG SIDC10D120H6 Datasheet HTML 3Page - Infineon Technologies AG SIDC10D120H6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary
SIDC10D120H6
Edited by INFINEON Technologies AI PS DD HV3, L 4412S, Edition 1, 8.01.2002
CHIP DRAWING:
3,20 mm
2,48 mm


Similar Part No. - SIDC10D120H6

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
SIDC10D120H8 INFINEON-SIDC10D120H8 Datasheet
211Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
More results

Similar Description - SIDC10D120H6

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
SIDC14D60F6 INFINEON-SIDC14D60F6 Datasheet
69Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC14D120E6 INFINEON-SIDC14D120E6 Datasheet
69Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC23D120E6 INFINEON-SIDC23D120E6 Datasheet
246Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC30D120E6 INFINEON-SIDC30D120E6 Datasheet
210Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC56D60E6 INFINEON-SIDC56D60E6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC56D120F6 INFINEON-SIDC56D120F6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC02D60F6 INFINEON-SIDC02D60F6 Datasheet
71Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC07D60AF6 INFINEON-SIDC07D60AF6 Datasheet
68Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC08D120F6 INFINEON-SIDC08D120F6 Datasheet
73Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC09D60E6 INFINEON-SIDC09D60E6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 20.07.04
SIDC30D120H6 INFINEON-SIDC30D120H6 Datasheet
210Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz