Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000219826 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SP000219826
Description  Smart High-Side Power Switch for Industrial Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000219826 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SP000219826 Datasheet HTML 3Page - Infineon Technologies AG SP000219826 Datasheet HTML 4Page - Infineon Technologies AG SP000219826 Datasheet HTML 5Page - Infineon Technologies AG SP000219826 Datasheet HTML 6Page - Infineon Technologies AG SP000219826 Datasheet HTML 7Page - Infineon Technologies AG SP000219826 Datasheet HTML 8Page - Infineon Technologies AG SP000219826 Datasheet HTML 9Page - Infineon Technologies AG SP000219826 Datasheet HTML 10Page - Infineon Technologies AG SP000219826 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PROFET® ITS 5215L
Infineon Technologies AG
7
2006-Mar-27
Truth Table
( each channel )
IN
OUT
ST
Normal operation
L
H
L
H
H
H
Open load
L
H
Z
H
L19)
H
Overtemperature
L
H
L
L
H
L
L = "Low" Level
X = don't care
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal valid after the time delay shown in the timing diagrams
Parallel switching of channel 1 and 2 is easily possible by connecting the inputs and outputs in parallel (see truth
table). If switching channel 1 to 2 in parallel, the status outputs ST1 and ST2 have to be configured as a 'Wired
OR' function with a single pull-up resistor.
Terms
PROFET
IN2
OUT2
GND
Vbb
V
OUT2
I
GND
VON2
10
1
Leadframe
2
3
IN1
V
OUT1
VON1
IL1
OUT1
4
8
VIN1 VIN2 I ST2
Ibb
I IN1
I IN2
I ST1
IL2
R
GND
V
bb
V
ST2
5
12,6
V
ST1
ST2
ST1
Leadframe (Vbb) is connected to pin 6,12
External RGND optional; single resistor RGND = 150 Ω for reverse battery protection up to the max.
operating voltage.
19
) L, if potential at the Output exceeds the OpenLoad detection voltage


Similar Part No. - SP000219826

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000219823 INFINEON-SP000219823 Datasheet
166Kb / 10P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-01
SP000219824 INFINEON-SP000219824 Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
SP000219825 INFINEON-SP000219825 Datasheet
359Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
More results

Similar Description - SP000219826

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP752T INFINEON-ISP752T Datasheet
341Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com