Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDT05S60 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. SDT05S60
Description  Silicon Carbide Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SDT05S60 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SDT05S60 Datasheet HTML 1Page - Infineon Technologies AG SDT05S60 Datasheet HTML 2Page - Infineon Technologies AG SDT05S60 Datasheet HTML 3Page - Infineon Technologies AG SDT05S60 Datasheet HTML 4Page - Infineon Technologies AG SDT05S60 Datasheet HTML 5Page - Infineon Technologies AG SDT05S60 Datasheet HTML 6Page - Infineon Technologies AG SDT05S60 Datasheet HTML 7Page - Infineon Technologies AG SDT05S60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
200
5-02-17
Rev. 2.
1
Page 2
SDT05S60
SDT05S60
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - case
RthJC
-
-
3.5
K/W
Thermal resistance, junction - ambient, leaded
RthJA
-
-
62
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Diode forward voltage
IF=5A, Tj=25°C
IF=5A, Tj=150°C
VF
-
-
1.5
1.7
1.7
2.1
V
Reverse current
VR=600V, Tj=25°C
VR=600V, Tj=150°C
IR
-
-
19
45
200
1000
µA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SIDC05D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SDT02S60 Silicon Carbide Schottky Diode 1  2  3  4  5  More Infineon Technologies AG
SIDC11D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC16D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC19D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D05120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers
SIDC24D30SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D10120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers
SIDC24D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D10120D Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn