Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDT05S60 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. SDT05S60
Description  Silicon Carbide Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SDT05S60 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SDT05S60 Datasheet HTML 1Page - Infineon Technologies AG SDT05S60 Datasheet HTML 2Page - Infineon Technologies AG SDT05S60 Datasheet HTML 3Page - Infineon Technologies AG SDT05S60 Datasheet HTML 4Page - Infineon Technologies AG SDT05S60 Datasheet HTML 5Page - Infineon Technologies AG SDT05S60 Datasheet HTML 6Page - Infineon Technologies AG SDT05S60 Datasheet HTML 7Page - Infineon Technologies AG SDT05S60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
200
5-02-17
Rev. 2.
1
Page 4
SDT05S60
SDT05S60
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80 100 120 140 160
°C 190
TC
0
5
10
15
20
25
30
35
40
W
50
SDT05S60
2 Diode forward current
IF= f (TC)
parameter: Tj175 °C
0
20
40
60
80
100 120 140
°C 180
TC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
A
6
4 Typ. forward power dissipation vs.
average forward current
PF(AV)=f(IF) TC=100°C, d = tp/T
0
1
2
3
4
5
6
7
8
A
10
IF(AV)
0
2
4
6
8
10
12
14
16
18
20
W
24
d=1
d=0.5
d=0.2
d=0.1
3 Typ. forward characteristic
IF = f (VF)
parameter: Tj , tp = 350 µs
0 0.25 0.5 0.75 1 1.25 1.5 1.75 2
V
2.5
VF
0
1
2
3
4
5
6
7
8
A
10
150°C
125°C
100°C
25°C
-40°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SIDC05D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SDT02S60 Silicon Carbide Schottky Diode 1  2  3  4  5  More Infineon Technologies AG
SIDC11D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC16D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC19D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D05120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers
SIDC24D30SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D10120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers
SIDC24D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D10120D Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn