Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000219527 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SP000219527
Description  Smart Power High-Side-Switch or Industrial Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000219527 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SP000219527 Datasheet HTML 1Page - Infineon Technologies AG SP000219527 Datasheet HTML 2Page - Infineon Technologies AG SP000219527 Datasheet HTML 3Page - Infineon Technologies AG SP000219527 Datasheet HTML 4Page - Infineon Technologies AG SP000219527 Datasheet HTML 5Page - Infineon Technologies AG SP000219527 Datasheet HTML 6Page - Infineon Technologies AG SP000219527 Datasheet HTML 7Page - Infineon Technologies AG SP000219527 Datasheet HTML 8Page - Infineon Technologies AG SP000219527 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2006-03-09
Page 4
ITS 4880 R
Maximum Ratings
Parameter
at Tj = -40...135 °C, unless otherwise specified
Symbol
Value
Unit
Supply voltage
Vbb
-11)...45
V
Continuous input voltage2)
VIN
-10...Vbb
Continuous voltage at LS-pin
VLS
-1...Vbb
Load current (Short - circuit current, see page 6)
IL
self limited
A
Current through input pin (DC), each channel
IIN
±5
mA
Reverse current through GND-pin1)
-IGND
1.6
A
Junction temperature
Tj
internal limited
°C
Operating temperature
Ta
-30...+85
°C
Storage temperature
Tstg
-40 ... +105
°C
Power dissipation 3)
Ptot
3.3
W
Inductive load switch-off energy dissipation4)
single pulse, Tj = 125 °C, IL = 0.625 A
one channel active
all channels simultaneously active ( each channel )
EAS
10
1
J
Load dump protection4) VLoadDump5)= VA + VS
VIN= low or high
td = 400 ms, RI = 2 Ω, RL = 27 Ω, VA = 13.5 V
td = 350 ms, RI = 2 Ω, RL = 47 Ω, VA = 27 V
VLoaddump
90
117
V
E
lectrostatic discharge voltage (Human Body Model)
according to ANSI EOS/ESD - S5.1 - 1993, ESD STM5.1 - 1998
Input pin, LS pin, Common diagnostic pin
all other pins
VESD
±1
±5
kV
Continuous reverse drain current1)4), each channel
IS
4
A
1defined by Ptot
2At VIN > Vbb, the input current is not allowed to exceed ±5 mA.
3 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air.
4not subject to production test, specified by design
5VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839 .
Supply voltages higher than Vbb(AZ) require an external current limit for the GND pin, e.g. with a
150
Ω resistor in GND connection. A resistor for the protection of the input is integrated.


Similar Part No. - SP000219527

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000219532 INFINEON-SP000219532 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
SP000219533 INFINEON-SP000219533 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
SP000219534 INFINEON-SP000219534 Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
2006-Mar-23
SP000219536 INFINEON-SP000219536 Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
More results

Similar Description - SP000219527

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS4880R INFINEON-ITS4880R_08 Datasheet
375Kb / 22P
   Smart Power High-Side-Switch or Industrial Applications
Rev.1.1, 2008-09-29
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP752T INFINEON-ISP752T Datasheet
341Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com