Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS4140N Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ITS4140N
Description  Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4140N Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ITS4140N Datasheet HTML 3Page - Infineon Technologies AG ITS4140N Datasheet HTML 4Page - Infineon Technologies AG ITS4140N Datasheet HTML 5Page - Infineon Technologies AG ITS4140N Datasheet HTML 6Page - Infineon Technologies AG ITS4140N Datasheet HTML 7Page - Infineon Technologies AG ITS4140N Datasheet HTML 8Page - Infineon Technologies AG ITS4140N Datasheet HTML 9Page - Infineon Technologies AG ITS4140N Datasheet HTML 10Page - Infineon Technologies AG ITS4140N Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ITS 4140N
Datasheet
Page 7
Rev. 2.1, 2006-07-24
1Supply voltage Vbb = 12 V instead of 13.5 V.


Similar Part No. - ITS4140N

ManufacturerPart #DatasheetDescription
logo
C&K Components
ITS4140-F-V1-S-TR CK-COMPONENTS-ITS4140-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4140-FR1-S-TR CK-COMPONENTS-ITS4140-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4140-FR2-S-TR CK-COMPONENTS-ITS4140-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4140-FR3N-S-TR CK-COMPONENTS-ITS4140-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4140-FV2-S-TR CK-COMPONENTS-ITS4140-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Similar Description - ITS4140N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com