Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS410E2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ITS410E2
Description  Smart Highside Power Switch for Industrial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS410E2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  ITS410E2 Datasheet HTML 1Page - Infineon Technologies AG ITS410E2 Datasheet HTML 2Page - Infineon Technologies AG ITS410E2 Datasheet HTML 3Page - Infineon Technologies AG ITS410E2 Datasheet HTML 4Page - Infineon Technologies AG ITS410E2 Datasheet HTML 5Page - Infineon Technologies AG ITS410E2 Datasheet HTML 6Page - Infineon Technologies AG ITS410E2 Datasheet HTML 7Page - Infineon Technologies AG ITS410E2 Datasheet HTML 8Page - Infineon Technologies AG ITS410E2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PROFET® ITS 410 E2
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Infineon Technologies AG
5
2006-Mar-28
Input and Status Feedback
11)
Input turn-on threshold voltage
Tj =-40..+150°C: VIN(T+)
1.5
--
2.4
V
Input turn-off threshold voltage
Tj =-40..+150°C: VIN(T-)
1.0
--
--
V
Input threshold hysteresis
∆ VIN(T)
--
0.5
--
V
Off state input current (pin 2), VIN = 0.4 V
IIN(off)
1
--
30
µA
On state input current (pin 2), VIN = 5 V
IIN(on)
10
25
70
µA
Status invalid after positive input slope
(short circuit)
Tj=-40 ... +150°C:
td(ST SC)
--
--
450
µs
Status invalid after positive input slope
(open load)
Tj=-40 ... +150°C:
td(ST)
300
--
1400
µs
Status output (open drain)
Zener limit voltage Tj =-40...+150°C, IST = +50 uA:
ST low voltage Tj =-40...+150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.0
--
6
--
--
0.4
V
11) If a ground resistor R
GND is used, add the voltage drop across this resistor.


Similar Part No. - ITS410E2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS4100AFK GLENAIR-ITS4100AFK Datasheet
703Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS4100AMB GLENAIR-ITS4100AMB Datasheet
703Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS4100FFK GLENAIR-ITS4100FFK Datasheet
841Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS4100FMB GLENAIR-ITS4100FMB Datasheet
841Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS4100GFK GLENAIR-ITS4100GFK Datasheet
703Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
More results

Similar Description - ITS410E2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
   Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com