Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP772T Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ISP772T
Description  Smart Power High-Side-Switch for Industrial Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISP772T Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ISP772T Datasheet HTML 2Page - Infineon Technologies AG ISP772T Datasheet HTML 3Page - Infineon Technologies AG ISP772T Datasheet HTML 4Page - Infineon Technologies AG ISP772T Datasheet HTML 5Page - Infineon Technologies AG ISP772T Datasheet HTML 6Page - Infineon Technologies AG ISP772T Datasheet HTML 7Page - Infineon Technologies AG ISP772T Datasheet HTML 8Page - Infineon Technologies AG ISP772T Datasheet HTML 9Page - Infineon Technologies AG ISP772T Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2006-03-09
Page 6
ISP 772 T
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 13,5V, unless otherwise specified
min.
typ.
max.
Input
Input turn-on threshold voltage
(see page 12)
VIN(T+)
-
-
2.2
V
Input turn-off threshold voltage
(see page 12)
VIN(T-)
0.8
-
-
Input threshold hysteresis
∆VIN(T)
-
0.3
-
Off state input current (see page 12)
VIN = 0.7 V
IIN(off)
1
-
25
µA
On state input current (see page 12)
VIN = 5 V
IIN(on)
3
-
25
Input resistance (see page 7)
RI
1.5
3.5
5
k


Similar Part No. - ISP772T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP772T INFINEON-ISP772T Datasheet
302Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-29
ISP772T INFINEON-ISP772T_08 Datasheet
302Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-29
More results

Similar Description - ISP772T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP752T INFINEON-ISP752T Datasheet
341Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com