Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000211730 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SP000211730
Description  Smart Power High-Side-Switch for Industrial Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000211730 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SP000211730 Datasheet HTML 4Page - Infineon Technologies AG SP000211730 Datasheet HTML 5Page - Infineon Technologies AG SP000211730 Datasheet HTML 6Page - Infineon Technologies AG SP000211730 Datasheet HTML 7Page - Infineon Technologies AG SP000211730 Datasheet HTML 8Page - Infineon Technologies AG SP000211730 Datasheet HTML 9Page - Infineon Technologies AG SP000211730 Datasheet HTML 10Page - Infineon Technologies AG SP000211730 Datasheet HTML 11Page - Infineon Technologies AG SP000211730 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2006-03-09
Page 8
ISP 752 T
Vbb disconnect with charged inductive
load
PROFET
V
IN
OUT
GND
bb
V
bb
high
GND disconnect
PROFET
V
IN
OUT
GND
bb
V
bb
V
IN
V
GND
Inductive Load switch-off energy
dissipation
PROFET
V
IN
OUT
GND
bb
=
E
E
E
EAS
bb
L
R
ELoad
RL
L
{
L
Z
GND disconnect with GND pull up
PROFET
V
IN
OUT
GND
bb
V
bb
V
GND
V
IN
Energy stored in load inductance: EL = ½ * L * IL2
While demagnetizing load inductance,
the enérgy dissipated in PROFET is
EAS = Ebb + EL - ER = VON(CL) * iL(t) dt,
with an approximate solution for RL > 0Ω:
E
IL
R
VV
IR
V
AS
L
L
bb
O U T C L
LL
OUT C L
=+
+
*
*
*(
|
) * ln (
*
||
)
()|
()
2
1


Similar Part No. - SP000211730

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000216302 INFINEON-SP000216302 Datasheet
681Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.6 2007-08-30
SP000216317 INFINEON-SP000216317 Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
SP000216320 INFINEON-SP000216320 Datasheet
677Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.4 2005-08-24
SP000216351 INFINEON-SP000216351 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SP000216361 INFINEON-SP000216361 Datasheet
293Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
More results

Similar Description - SP000211730

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com