Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000219823 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SP000219823
Description  Smart Power High-Side-Switch for Industrial Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000219823 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SP000219823 Datasheet HTML 2Page - Infineon Technologies AG SP000219823 Datasheet HTML 3Page - Infineon Technologies AG SP000219823 Datasheet HTML 4Page - Infineon Technologies AG SP000219823 Datasheet HTML 5Page - Infineon Technologies AG SP000219823 Datasheet HTML 6Page - Infineon Technologies AG SP000219823 Datasheet HTML 7Page - Infineon Technologies AG SP000219823 Datasheet HTML 8Page - Infineon Technologies AG SP000219823 Datasheet HTML 9Page - Infineon Technologies AG SP000219823 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ISP 452
Page 6
2006-03-01
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 13.5V unless otherwise specified
min
typ
max
Protection Functions
Current limit (pin 4 to 1)
Tj = 25°C
V
bb = 20V
Tj = -40...+150°C
IL(SC)
0.7
0.7
1.5
--
2
2.4
A
Overvoltage protection Ibb=4mA Tj =-40...+150°C Vbb(AZ)
41
--
--
V
Output clamp (ind. load switch off)
at V
OUT=Vbb-VON(CL), Ibb = 4mA
VON(CL)
41
47
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
T
jt
--
10
--
K
Inductive load switch-off energy dissipation
9
)
Tj, start = 150 °C, single pulse, IL = 0.5 A, Vbb = 12 V
(not tested, specified by design)
EAS
--
--
0.5
J
Reverse battery (pin 4 to 2)
10
)
(not tested, specified by design)
-Vbb
--
--
30
V
9) While demagnetizing load inductance, dissipated energy in PROFET is EAS= ∫ VON(CL) * iL(t) dt, approx.
EAS= 1/2 * L * I
2
L * (
VON(CL)
VON(CL) - Vbb
)
10) Requires 150 Ω resistor in GND connection. Reverse load current (through intrinsic drain-source diode) has to be limited by the connected
load.


Similar Part No. - SP000219823

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000219824 INFINEON-SP000219824 Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
SP000219825 INFINEON-SP000219825 Datasheet
359Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
SP000219826 INFINEON-SP000219826 Datasheet
279Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-27
More results

Similar Description - SP000219823

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP752T INFINEON-ISP752T Datasheet
341Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com