Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVT162245 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74ALVT162245
Description  2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162245 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVT162245 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74ALVT162245
2.5V/3.3V ALVT 16-bit transceiver with
30
W termination resistors (3-State)
Product specification
Supersedes data of 1996 Mar 05
IC23 Data Handbook
1998 Feb 13
INTEGRATED CIRCUITS


Similar Part No. - 74ALVT162245

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT162245

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz