Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVT162245 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74ALVT162245
Description  2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162245 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALVT162245 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162245
2.5V/3.3V 16-bit transceiver
with 30
Ω termination resistors (3-State)
1998 Feb 13
5
DC ELECTRICAL CHARACTERISTICS (3.3V
"0.3V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 3.0V; IIK = –18mA
–0.85
–1.2
V
VOH
High-level output voltage
VCC = 3.0V; IOH = –12mA
2.0
2.3
V
VOL
Low–level output voltage
VCC = 3.0V; IOL = 12mA
0.6
0.8
V
VCC = 3.6V; VI = VCC or GND
Control pins
0.1
±1
II
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
01.
10
µA
II
In ut leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.5
1
µA
VCC = 3.6V; VI = 0V
Data ins4
0.1
-5
IOFF
Off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
±100
µA
Bus Hold current
VCC = 3V; VI = 0.8V
75
130
IHOLD
Bus Hold current
Data inputs6
VCC = 3V; VI = 2.0V
–75
–140
µA
Data inputs6
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
50
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC
OE/OE = Don’t care
40
±100
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.07
0.1
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
3.5
5
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05
0.07
0.1
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.04
0.4
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V "0.3V
UNIT
MIN
TYP1
MAX
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
1
0.5
0.5
2.3
2.0
3.6
3.1
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.0
1.0
3.0
2.6
5.0
3.9
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
2
1.0
1.0
3.6
3.0
5.2
4.6
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.


Similar Part No. - 74ALVT162245

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT162245

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz