Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC22FD1R8G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MC22FD1R8G
Description  High-Frequency, High-Stability Chip for Instruments and RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC22FD1R8G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MC22FD1R8G Datasheet HTML 1Page - List of Unclassifed Manufacturers MC22FD1R8G Datasheet HTML 2Page - List of Unclassifed Manufacturers MC22FD1R8G Datasheet HTML 3Page - List of Unclassifed Manufacturers MC22FD1R8G Datasheet HTML 4Page - List of Unclassifed Manufacturers MC22FD1R8G Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.030
C ORN ELL
DU BIL I ER
Your Source For Capacitor Solutions
High-Frequency, High-Stability Chip for Instruments and RF
With self-resonant frequencies typically above
one gigahertz for popular RF capacitance values
and with a Q above 2,000, Type MC capacitors
are the answer for high-frequency applications
like flight radio and cable television. The natural
mica dielectric retains its high-Q to many
megahertz, so higher and higher frequency
applications are limited by the circuit inductance,
not the Type MC capacitor.
Performance Highlights
• Voltages: 100 Vdc, 500 Vdc, and 1000 Vdc
• Capacitance Range: .5 pF to 2,000 pF
• Capacitance Tolerance:
±0.25% to ±5%
• Temperature Range: –55
°C to +125°C
• Low impedance to beyond 1 GHz
• Near-zero capacitance change, all environments
• Available in tight tolerance exact values
• Easy to attach to printed circuit boards
• Case sizes 0805, 1210, 1812, and 2220
• Handles pulses with dV/dt>20,000 V/
µs
• Withstands 200% rated voltage
Ratings
Cap
Catalog
Case
pF
Number
Type
100 Vdc
1
MC08CA010D
0805
2
MC08CA020D
0805
3
MC08CA030D
0805
4
MC08CA040D
0805
5
MC08CA050D
0805
6
MC08CA060D
0805
7
MC08CA070D
0805
8
MC08CA080D
0805
9
MC08CA090D
0805
10
MC08CA100D
0805
12
MC08EA120J
0805
15
MC08EA150J
0805
18
MC08EA180J
0805
20
MC08EA200J
0805
22
MC08EA220J
0805
24
MC08EA240J
0805
27
MC08EA270J
0805
30
MC08EA300J
0805
33
MC08FA330J
0805
36
MC08FA360J
0805
39
MC08FA390J
0805
43
MC08FA430J
0805
47
MC12FA470J
1210
50
MC12FA500J
1210
51
MC12FA510J
1210
Cap
Catalog
Case
pF
Number
Type
100 Vdc
56
MC12FA560J
1210
62
MC12FA620J
1210
68
MC12FA680J
1210
75
MC12FA750J
1210
82
MC12FA820J
1210
91
MC12FA910J
1210
100
MC12FA101J
1210
110
MC12FA111J
1210
120
MC12FA121J
1210
130
MC12FA131J
1210
150
MC12FA151J
1210
160
MC12FA161J
1210
180
MC12FA181J
1210
200
MC12FA201J
1210
220
MC12FA221J
1210
240
MC12FA241J
1210
250
MC12FA251J
1210
270
MC12FA271J
1210
300
MC12FA301J
1210
330
MC12FA331J
1210
360
MC12FA361J
1210
390
MC12FA391J
1210
430
MC12FA431J
1210
250
MC18FA251J
1812
270
MC18FA271J
1812
Cap
Catalog
Case
pF
Number
Type
100 Vdc
300 MC18FA301J
1812
330 MC18FA331J
1812
360 MC18FA361J
1812
390 MC18FA391J
1812
430 MC18FA431J
1812
470 MC18FA471J
1812
500 MC18FA501J
1812
510 MC18FA511J
1812
560 MC18FA561J
1812
620 MC18FA621J
1812
680 MC18FA681J
1812
750 MC18FA751J
1812
820 MC18FA821J
1812
910 MC22FA911J
2220
1000 MC22FA102J
2220
1100 MC22FA112J
2220
1200 MC22FA122J
2220
1500 MC22FA152J
2220
1800 MC22FA182J
2220
2000 MC22FA202J
2220
Type MC, Surface-Mount Mica Chip Capacitors
8942 1.030-1.034
4/3/2000 6:17 PM
Page 30
2220 MC22FA222J
2220


Similar Part No. - MC22FD1R8G

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MC22FD102J-F CDE-MC22FD102J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
MC22FD102J-F CDE-MC22FD102J-F Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
MC22FD112J-F CDE-MC22FD112J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
MC22FD112J-F CDE-MC22FD112J-F Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
MC22FD122J-F CDE-MC22FD122J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

Similar Description - MC22FD1R8G

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
OZ-SERIES TXC-OZ-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
8Z-SERIES TXC-8Z-SERIES Datasheet
973Kb / 1P
   High precision and high frequency stability.
7M-SERIES TXC-7M-SERIES Datasheet
978Kb / 1P
   High precision and hig frequency stability.
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Advanced XTAL Products
AXIOM9000 AXTAL-AXIOM9000 Datasheet
479Kb / 5P
   Very High Frequency Stability
AXDO9000 AXTAL-AXDO9000 Datasheet
414Kb / 5P
   Very High Frequency Stability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com